Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3865L Datasheet(PDF) 2 Page - Analog Power

Part # AM3865L
Description  P & N-Channel Load Switch MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3865L Datasheet(HTML) 2 Page - Analog Power

  AM3865L Datasheet HTML 1Page - Analog Power AM3865L Datasheet HTML 2Page - Analog Power AM3865L Datasheet HTML 3Page - Analog Power AM3865L Datasheet HTML 4Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AM3865L
Analog Power
July, 2002 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM3865_A
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of
the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential
or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different
applications and actual performance may vary over time. All operating parameters, including “Typical” must be validated for each customer
application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products
are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation where personal
injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall
indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an
Equal Opportunity/Affirmative Action Employer.
Min Typ Max
VIN = 5 V, VON/OFF = 3.3 V, IL = 2.8 A
0.13 0.2
VIN = 5 V, VON/OFF = 3.3 V, IL = 1.9 A
0.15 0.2
VDROP = 0.2 V, Vin = 5 V, VON/OFF = 3.3 V
-2.8
VDROP = 0.2 V, Vin = 2.5 V, VON/OFF = 3.3 V -1.9
VGS = -5 V, ID = -2.5 A
47
69
VGS = -2.5 V, ID = -2.0 A
73
100
Forward Leakage Current
IFL
VIN = 8 V, VON/OFF = 0 V,
1
µΑ
SPECIFICATIONS (TA = 25
o
C UNLESS OTHERWISE NOTED)
A
IL
Loading Current
Switching On Characte ristics
V
Te st Conditions
Symbol
Switching Off Characte ristics
Parame te r
Limits
Unit
Static On Resistance
mΩ
R(ON)
Conduction Voltage
VDROP
IN
OUT
C3
1uF
GND
ON/OFF
C1 1000pF
C2
0.1uF
R2
100K
R1
10K
4
5
6
1
2
3
Q1
AM3865L
Application In Load Switch


Similar Part No. - AM3865L

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM386SX AMD-AM386SX Datasheet
582Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
More results

Similar Description - AM3865L

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1981 NEC-UPA1981 Datasheet
95Kb / 4P
   N-CHANNEL/P-CHANNEL MOS FET PAIR FOR LOAD SWITCH
logo
Renesas Technology Corp
PA1981 RENESAS-PA1981_15 Datasheet
229Kb / 6P
   N-CHANNEL/P-CHANNEL MOS FET PAIR FOR LOAD SWITCH
logo
Vishay Siliconix
SIA777EDJ VISHAY-SIA777EDJ Datasheet
185Kb / 12P
   N- and P-Channel for Level Shift Load Switch
Rev. A, 05-Oct-09
logo
TECH PUBLIC Electronics...
TPS27081ADDCR-TP TECHPUBLIC-TPS27081ADDCR-TP Datasheet
3Mb / 6P
   Extremely Low RDS (on) P-Channel Load Switch MOSFET
logo
DinTek Semiconductor Co...
DTC2059 DINTEK-DTC2059_13 Datasheet
1Mb / 8P
   P-Channel 20 V (D-S) MOSFET Load Switch
logo
Richtek Technology Corp...
RT9727A RICHTEK-RT9727A Datasheet
157Kb / 9P
   N-MOSFET Load Switch Controller
logo
Fairchild Semiconductor
FDR8321L FAIRCHILD-FDR8321L Datasheet
222Kb / 8P
   P-Channel MOSFET With Gate Driver For Load Switch Application
FDC6332L FAIRCHILD-FDC6332L Datasheet
149Kb / 4P
   Common Source Load Switch P-Channel 1.8V Specified PowerTrench MOSFET
FDR8521L FAIRCHILD-FDR8521L Datasheet
224Kb / 7P
   P-Channel MOSFET With Gate Driver For Load Switch Application
logo
Sanyo Semicon Device
2SJ538 SANYO-2SJ538 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET Load Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com