Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3836N Datasheet(PDF) 1 Page - Analog Power

Part # AM3836N
Description  N-Channel 30-V (D-S) MOSFET With Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3836N Datasheet(HTML) 1 Page - Analog Power

  AM3836N Datasheet HTML 1Page - Analog Power AM3836N Datasheet HTML 2Page - Analog Power AM3836N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM3836N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM3836_A
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) m(Ω)ID (A)
63 @ VGS = 4.5V
3.5
110 @ VGS = 2.5V
3.0
PRODUCT SUMMARY
30
N-Channel 30-V (D-S) MOSFET With Schottky Diode
•Low r
DS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
TSOP-6 saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Maximum
Units
t <= 10 sec
100
oC/W
Steady-State
166
oC/W
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
RθJA
Vf (V)
Diode Forward Voltage
30
0.48V @ 1.0A
1.0
SCHOTTKY PRODUCT SUMMARY
VKA (V)
IF (A)
Symbol
Limit
Units
VDS
30
VKA
30
VGS
±12
TA=25
oC± 3.5
TA=70
oC± 2.8
IDM
± 16
IS
1.25
IF
0.5
IFM
8
TA=25
oC1.3
TA=70
oC0.8
TA=25
oC1.0
TA=70
oC0.6
TJ, Tstg -55 to 150
oC
A
W
Reverse Voltage (Schottky)
Average Forward Current (Schottky)
Pulsed Forward Current (Schottky)
Maximum Power Dissipation (Schottky)
a
Maximum Power Dissipation (MOSFET)
a
PD
Operating Junction and Storage Temperature Range
Continuous Source Current (MOSFET Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current (MOSFET)
b
V
Gate-Source Voltage (MOSFET)
Drain-Source Voltage (MOSFET)
Continuous Drain Current (TJ=150
oC) (MOSFET)a
ID
D
S
G
N-Channel MOSFET
K
A
TSOP-6
Top View
1
2
34
K
N/C
D
6
5
G
A
S


Similar Part No. - AM3836N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3837P ANALOGPOWER-AM3837P Datasheet
219Kb / 5P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
More results

Similar Description - AM3836N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com