Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF032B-80-4I-S2AF Datasheet(PDF) 4 Page - Microchip Technology

Part # SST25VF032B-80-4I-S2AF
Description  32 Mbit SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B-80-4I-S2AF Datasheet(HTML) 4 Page - Microchip Technology

  SST25VF032B-80-4I-S2AF Datasheet HTML 1Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 2Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 3Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 4Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 5Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 6Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 7Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 8Page - Microchip Technology SST25VF032B-80-4I-S2AF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
©2011 Silicon Storage Technology, Inc.
DS25071A
12/11
4
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
Pin Description
Figure 2: Pin Assignments for 8-Lead SOIC
Table 1: Pin Description
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock
input, while output data is shifted out on the falling edge of the clock input.
SI
Serial Data Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
SO
Serial Data Output To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
RY/BY#
Ready / Busy pin
Flash busy status pin in AAI mode if SO is configured as a hardware RY/BY#
pin.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low
for the duration of any command sequence.
WP#
Write Protect
The Write Protect (WP#) pin is used to enable/disable BPL bit in the status reg-
ister.
HOLD#
Hold
To temporarily stop serial communication with SPI flash memory without reset-
ting the device.
VDD
Power Supply
To provide power supply voltage: 2.7-3.6V
VSS
Ground
T1.0 25071
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
VDD
HOLD#
SCK
SI
Top View
1327 8-SOIC P1.0
Note: In AAI mode, the SO pin can act as a RY/BY# pin when configured as a ready/busy status pin. See “End-of-
Write Detection” on page 12. for details.
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
Top View
VDD
HOLD#
SCK
SI
1327 8-WSON P1.0


Similar Part No. - SST25VF032B-80-4I-S2AF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
More results

Similar Description - SST25VF032B-80-4I-S2AF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B Datasheet
735Kb / 28P
   32 Mbit SPI Serial Flash
SST25VF032B SST-SST25VF032B_10 Datasheet
746Kb / 28P
   32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_11 Datasheet
3Mb / 31P
   32 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com