Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040DYM3-2.5TR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # LM4040DYM3-2.5TR
Description  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040DYM3-2.5TR Datasheet(HTML) 3 Page - Micrel Semiconductor

  LM4040DYM3-2.5TR Datasheet HTML 1Page - Micrel Semiconductor LM4040DYM3-2.5TR Datasheet HTML 2Page - Micrel Semiconductor LM4040DYM3-2.5TR Datasheet HTML 3Page - Micrel Semiconductor LM4040DYM3-2.5TR Datasheet HTML 4Page - Micrel Semiconductor LM4040DYM3-2.5TR Datasheet HTML 5Page - Micrel Semiconductor LM4040DYM3-2.5TR Datasheet HTML 6Page - Micrel Semiconductor LM4040DYM3-2.5TR Datasheet HTML 7Page - Micrel Semiconductor LM4040DYM3-2.5TR Datasheet HTML 8Page - Micrel Semiconductor LM4040DYM3-2.5TR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
March 2005
3
M9999-031805
LM4040/4041
Micrel, Inc.
Absolute Maximum Ratings
Reverse Current ......................................................... 20mA
Forward Current ......................................................... 10mA
Maximum Output Voltage
LM4041-Adjustable.................................................... 15V
Power Dissipation at TA = 25°C (Note 2) ................306mW
Storage Temperature................................ –65°C to +150°C
Lead Temperature
Vapor phase (60 seconds)............................... +215°C
Infrared (15 seconds)....................................... +220°C
ESD Susceptibility
Human Body Model (
Note 3) ............................... 2kV
Machine Model (
Note 3) .................................... 200V
Operating Ratings (Notes 1 and 2)
Temperature Range
(TMIN ≤ TA ≤ TMAX)............................–40°C ≤ TA ≤ +85°C
Reverse Current
LM4040-2.5............................................60µA to 15mA
LM4040-4.1............................................68µA to 15mA
LM4040-5.0............................................74µA to 15mA
LM4041-1.2............................................60µA to 12mA
LM4041-ADJ..........................................60µA to 12mA
Output Voltage Range
LM4041-ADJ............................................1.24V to 10V
Functional Diagram
LM4040, LM4041 Fixed
Functional Diagram
LM4041 Adjustable
Note 1. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which
the device is functional, but do not guarantee specific performance limits. For guaranteed specification and test conditions, see the “Electrical
Characteristics”. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when
the device is not operated under the listed test conditions.
Note 2. The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX (maximum junction temperature), θJA
(junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PD-
MAX = (TJMAX – TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4040 and LM4041,
TJMAX = 125°C, and the typical thermal resistance (θJA), when board mounted, is 326°C/W for the SOT-23 package.
Note 3. The human body model is a 100pF capacitor discharged through a 1.5kΩ resistor into each pin. The machine model is a 200pF capacitor
discharged directly into each pin.
+
+
FB
VREF


Similar Part No. - LM4040DYM3-2.5TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM4040DYM3-2.5 MICREL-LM4040DYM3-2.5 Datasheet
906Kb / 17P
   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040DYM3-2.5TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com