Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1220AD-100 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1220AD-100
Description  16k Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1220AD-100 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1220AD-100 Datasheet HTML 1Page - Maxim Integrated Products DS1220AD-100 Datasheet HTML 2Page - Maxim Integrated Products DS1220AD-100 Datasheet HTML 3Page - Maxim Integrated Products DS1220AD-100 Datasheet HTML 4Page - Maxim Integrated Products DS1220AD-100 Datasheet HTML 5Page - Maxim Integrated Products DS1220AD-100 Datasheet HTML 6Page - Maxim Integrated Products DS1220AD-100 Datasheet HTML 7Page - Maxim Integrated Products DS1220AD-100 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
FEATURES
 10 years minimum data retention in the
absence of external power
 Data is automatically protected during power
loss
 Directly replaces 2k x 8 volatile static RAM
or EEPROM
 Unlimited write cycles
 Low-power CMOS
 JEDEC standard 24-pin DIP package
 Read and write access times of 100 ns
 Lithium energy source is electrically
disconnected to retain freshness until power
is applied for the first time
 Full ±10% V
CC operating range (DS1220AD)
 Optional ±5% V
CC operating range
(DS1220AB)
 Optional industrial temperature range of
-40°C to +85°C, designated IND
PIN ASSIGNMENT
24-Pin ENCAPSULATED PACKAGE
720-mil EXTENDED
PIN DESCRIPTION
A0-A10
- Address Inputs
DQ0-DQ7
- Data In/Data Out
CE
- Chip Enable
WE
- Write Enable
OE
- Output Enable
VCC
- Power (+5V)
GND
- Ground
DESCRIPTION
The DS1220AB and DS1220AD 16k Nonvolatile SRAMs are 16,384-bit, fully static, nonvolatile SRAMs
organized as 2048 words by 8 bits. Each NV SRAM has a self-contained lithium energy source and
control circuitry which constantly monitors VCC for an out-of-tolerance condition. When such a condition
occurs, the lithium energy source is automatically switched on and write protection is unconditionally
enabled to prevent data corruption. The NV SRAMs can be used in place of existing 2k x 8 SRAMs
directly conforming to the popular bytewide 24-pin DIP standard. The devices also match the pinout of
the 2716 EPROM and the 2816 EEPROM, allowing direct substitution while enhancing performance.
There is no limit on the number of write cycles that can be executed and no additional support circuitry is
required for microprocessor interfacing.
DS1220AB/AD
16k Nonvolatile SRAM
19-5580; Rev 10/10
www.maxim-ic.com
14
VCC
WE
1
2
3
4
5
6
7
8
9
10
11
12
13
24
15
23
22
21
20
19
18
17
16
A7
A5
A3
A2
A1
A0
DQ0
DQ1
GND
DQ2
A6
A4
A8
A9
OE
A10
CE
DQ7
DQ6
DQ5
DQ3
DQ4


Similar Part No. - DS1220AD-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1220AD-100 MAXIM-DS1220AD-100 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
DS1220AD-100++ MAXIM-DS1220AD-100+ Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
logo
Dallas Semiconductor
DS1220AD-100-IND DALLAS-DS1220AD-100-IND Datasheet
136Kb / 9P
   16k Nonvolatile SRAM
DS1220AD-100-IND DALLAS-DS1220AD-100-IND Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1220AD-100-IND ARTSCHIP-DS1220AD-100-IND Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
More results

Similar Description - DS1220AD-100

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220AB DALLAS-DS1220AB Datasheet
136Kb / 9P
   16k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1220AD-150 MAXIM-DS1220AD-150 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
DS1220Y MAXIM-DS1220Y Datasheet
207Kb / 9P
   16k Nonvolatile SRAM
19-5579; Rev 10/10
DS1220AB MAXIM-DS1220AB Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
DS1220AB DALLAS-DS1220AB_10 Datasheet
207Kb / 8P
   16k Nonvolatile SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com