Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYH50N120C3D1 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXYH50N120C3D1
Description  High-Speed IGBT for 20-50 kHz Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH50N120C3D1 Datasheet(HTML) 6 Page - IXYS Corporation

  IXYH50N120C3D1 Datasheet HTML 1Page - IXYS Corporation IXYH50N120C3D1 Datasheet HTML 2Page - IXYS Corporation IXYH50N120C3D1 Datasheet HTML 3Page - IXYS Corporation IXYH50N120C3D1 Datasheet HTML 4Page - IXYS Corporation IXYH50N120C3D1 Datasheet HTML 5Page - IXYS Corporation IXYH50N120C3D1 Datasheet HTML 6Page - IXYS Corporation IXYH50N120C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYH50N120C3D1
IXYS REF: IXY_50N120C3D1(6N)05-04-12
Fig. 21. Maximum Transient Thermal Impedance (Diode)
0.0001
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width - Second
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
0
40
80
120
160
200
240
20
30
40
50
60
70
80
90
100
IC - Amperes
20
24
28
32
36
40
44
t r i
td(on) - - - -
RG = 5, VGE = 15V
VCE = 600V
TJ = 150ºC, 25ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
0
40
80
120
160
200
240
25
50
75
100
125
150
TJ - Degrees Centigrade
20
24
28
32
36
40
44
t r i
td(on) - - - -
RG = 5, VGE = 15V
VCE = 600V
I C = 100A
I C = 50A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
0
50
100
150
200
250
300
350
5
1015
202530
RG - Ohms
15
25
35
45
55
65
75
85
t r i
td(on) - - - -
TJ = 150ºC, VGE = 15V
VCE = 600V
I C = 50A
I C = 100A


Similar Part No. - IXYH50N120C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH50N120C3 IXYS-IXYH50N120C3 Datasheet
176Kb / 6P
   1200V XPT IGBT GenX3
More results

Similar Description - IXYH50N120C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYN82N120C3H1 IXYS-IXYN82N120C3H1 Datasheet
192Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
IXYP30N120C3 IXYS-IXYP30N120C3 Datasheet
186Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
IXYH24N90C3 IXYS-IXYH24N90C3 Datasheet
214Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
IXYH20N120C3D1 IXYS-IXYH20N120C3D1 Datasheet
188Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
MMIX1Y82N120C3H1 IXYS-MMIX1Y82N120C3H1 Datasheet
248Kb / 8P
   High-Speed IGBT for 20-50 kHz Switching
IXYP20N120C3 IXYS-IXYP20N120C3 Datasheet
227Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
IXYH30N120C3D1 IXYS-IXYH30N120C3D1 Datasheet
189Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
IXYN82N120C3 IXYS-IXYN82N120C3 Datasheet
181Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
IXYH24N90C3D1 IXYS-IXYH24N90C3D1 Datasheet
370Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
MMIX1Y100N120C3H1 IXYS-MMIX1Y100N120C3H1 Datasheet
281Kb / 8P
   High-Speed IGBT for 20-50 kHz Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com