Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT425N16KOF Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TT425N16KOF
Description  TT425N16KOF Phase Control Thyristor Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TT425N16KOF Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TT425N16KOF Datasheet HTML 3Page - Infineon Technologies AG TT425N16KOF Datasheet HTML 4Page - Infineon Technologies AG TT425N16KOF Datasheet HTML 5Page - Infineon Technologies AG TT425N16KOF Datasheet HTML 6Page - Infineon Technologies AG TT425N16KOF Datasheet HTML 7Page - Infineon Technologies AG TT425N16KOF Datasheet HTML 8Page - Infineon Technologies AG TT425N16KOF Datasheet HTML 9Page - Infineon Technologies AG TT425N16KOF Datasheet HTML 10Page - Infineon Technologies AG TT425N16KOF Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
N
Netz-Thyristor-Modul
Phase Control Thyristor Module
Datenblatt / Data sheet
TT425N
BIP AC / 28 Oct 1994, A.Rüther
A 62/94
7/12
Seite/page
Gehäusetemperatur bei Sinus
Gehäusetemperatur bei Rechteck
20
40
60
80
100
120
140
0
100
200
300
400
500
600
ITAVM [A]
Q = 30°
60°
90°
120°
180°
0
180°
Höchstzulässige Gehäusetemperatur / Maximum allowable case temperature TC = f(ITAVM)
Sinusförmiger Strom / Sinusoidal current
Strombelastung je Zweig / Current load per arm
Berechnungsgrundlage PTAV (Schaltverluste gesondert berücksichtigen)
Calculation base PTAV (switching losses should be considered separately)
Parameter: Stromflußwinkel Θ / Current conduction angle Θ
20
40
60
80
100
120
140
0
100
200
300
400
500
600
700
800
ITAVM [A]
Q = 30°
60°
90°
120°
180°
DC
0
180°
Höchstzulässige Gehäusetemperatur / Maximum allowable case temperature TC = f(ITAVM)
Rechteckförmiger Strom / Rectangular current Strombelastung je Zweig / Current load per arm
Berechnungsgrundlage PTAV (Schaltverluste gesondert berücksichtigen)
Calculation base PTAV (switching losses should be considered separately)
Parameter: Stromflußwinkel Θ / Current conduction angle Θ


Similar Part No. - TT425N16KOF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TT425N14KOF ETC1-TT425N14KOF Datasheet
418Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
More results

Similar Description - TT425N16KOF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TT330N ETC-TT330N Datasheet
66Kb / 4P
   Phase Control Thyristor Module
logo
eupec GmbH
TT570N EUPEC-TT570N Datasheet
409Kb / 13P
   Phase Control Thyristor Module
TT380N EUPEC-TT380N Datasheet
412Kb / 13P
   Phase Control Thyristor Module
TTW3C115N16 EUPEC-TTW3C115N16 Datasheet
432Kb / 10P
   Phase Control Thyristor Module
TT180N EUPEC-TT180N Datasheet
407Kb / 13P
   Phase Control Thyristor Module
TT92N EUPEC-TT92N Datasheet
410Kb / 13P
   Phase Control Thyristor Module
TTW3C85N16 EUPEC-TTW3C85N16 Datasheet
313Kb / 10P
   Phase Control Thyristor Module
TTB6C95N16 EUPEC-TTB6C95N16 Datasheet
370Kb / 7P
   Phase Control Thyristor Module
TTB6C135N16 EUPEC-TTB6C135N16 Datasheet
429Kb / 7P
   Phase Control Thyristor Module
TD142N EUPEC-TD142N Datasheet
445Kb / 13P
   Netz-Thyristor-Module Phase Control Thyristor Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com