Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SABC517ALN Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # SABC517ALN
Description  8-Bit CMOS Microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SABC517ALN Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button SABC517ALN Datasheet HTML 59Page - Infineon Technologies AG SABC517ALN Datasheet HTML 60Page - Infineon Technologies AG SABC517ALN Datasheet HTML 61Page - Infineon Technologies AG SABC517ALN Datasheet HTML 62Page - Infineon Technologies AG SABC517ALN Datasheet HTML 63Page - Infineon Technologies AG SABC517ALN Datasheet HTML 64Page - Infineon Technologies AG SABC517ALN Datasheet HTML 65Page - Infineon Technologies AG SABC517ALN Datasheet HTML 66Page - Infineon Technologies AG SABC517ALN Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
Semiconductor Group
61
C517A
AC Characteristics (24 MHz, cont’d)
External Data Memory Characteristics
External Clock Drive Characteristics
Parameter
Symbol
Limit Values
Unit
24 MHz
Clock
Variable Clock
1/
t
CLCL = 3.5 MHz to 24 MHz
min.
max.
min.
max.
RD pulse width
t
RLRH
180
–6
t
CLCL – 70
ns
WR pulse width
t
WLWH
180
6
t
CLCL – 70
ns
Address hold after ALE
t
LLAX2
53
2
t
CLCL – 30
ns
RD to valid data in
t
RLDV
118
5
t
CLCL – 90
ns
Data hold after RD
t
RHDX
0
0–ns
Data float after RD
t
RHDZ
–63
2
t
CLCL – 20
ns
ALE to valid data in
t
LLDV
200
8
t
CLCL – 133
ns
Address to valid data in
t
AVDV
220
9
t
CLCL – 155
ns
ALE to WR or RD
t
LLWL
75
175
3
t
CLCL – 50
3
t
CLCL + 50
ns
Address valid to WR or RD
t
AVWL
67
4
t
CLCL
97
ns
WR or RD high to ALE high
t
WHLH
17
67
t
CLCL – 25
t
CLCL + 25
ns
Data valid to WR transition
t
QVWX
5–
t
CLCL – 37
ns
Data setup before WR
t
QVWH
170
7
t
CLCL – 122
ns
Data hold after WR
t
WHQX
15
t
CLCL – 27
ns
Address float after RD
t
RLAZ
0
–0ns
Parameter
Symbol
Limit Values
Unit
Variable Clock
Freq. = 3.5 MHz to 24 MHz
min.
max.
Oscillator period
t
CLCL
41.7
285.7
ns
High time
t
CHCX
12
t
CLCL tCLCX
ns
Low time
t
CLCX
12
t
CLCL tCHCX
ns
Rise time
t
CLCH
–12
ns
Fall time
t
CHCL
–12
ns


Similar Part No. - SABC517ALN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SABC517A-LN SIEMENS-SABC517A-LN Datasheet
845Kb / 72P
   8 BIT CMOS MICROCONTROLLER
More results

Similar Description - SABC517ALN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com