Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSP316PE6327 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. BSP316PE6327
Description  SIPMOS Small-Signal-Transistor Feature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP316PE6327 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP316PE6327 Datasheet HTML 1Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 2Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 3Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 4Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 5Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 6Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 7Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
20
12-11-26
Rev.1.
8
Page 1
BSP316P
SIPMOS
 Small-Signal-Transistor
Product Summary
VDS
-100
V
RDS(on)
1.8
ID
-0.68
A
Feature
• P-Channel
• Enhancement mode
• Logic Level
• dv/dt rated
PG-SOT223-4-1
Gate
pin1
Drain
pin 2/4
Source
pin 3
Marking
BSP316P
Type
Package
Tape and Reel Information
BSP316P
PG-SOT223-4-1
H6327: 1000 pcs/reel
Maximum Ratings, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TA=25°C
TA=70°C
ID
-0.68
-0.54
A
Pulsed drain current
TA=25°C
ID puls
-2.72
Reverse diode dv/dt
IS=-0.68A, VDS=-48V, di/dt=-200A/µs, Tjmax=150°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TA=25°C
Ptot
1.8
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
• Qualified according to AEC Q101
Packaging
Non dry
ESD Class
JESD22-A114-HBM
Class 1a
• Halogen­free according to IEC61249­2­21


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn