Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSP316PE6327 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. BSP316PE6327
Description  SIPMOS Small-Signal-Transistor Feature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP316PE6327 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSP316PE6327 Datasheet HTML 1Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 2Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 3Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 4Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 5Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 6Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 7Page - Infineon Technologies AG BSP316PE6327 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BSP316P
5 Typ. output characteristic
ID = f (VDS)
parameter: Tj =25°C, -VGS
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
-VDS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
A
2.4
10V
5V
4.4V
3.6V
3.2V
2.8V
2.4V
2.2V
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: Tj =25°C, -VGS
0
0.4
0.8
1.2
1.6
A
2.4
-ID
0
1
2
3
4
5
7
2.2V
2.4V
2.8V
3.2V
3.6V
4.4V
5V
10V
7 Typ. transfer characteristics
ID= f ( VGS ); |VDS|≥ 2 x |ID| x RDS(on)max
parameter: Tj = 25 °C
0
0.5
1
1.5
2
2.5
3
3.5
V
4.5
-VGS
0
0.5
1
1.5
2
2.5
A
3.5
8 Typ. forward transconductance
gfs = f(ID)
parameter: Tj =25°C
0
0.4
0.8
1.2
1.6
2
2.4
A
3.2
-ID
0
0.3
0.6
0.9
1.2
S
1.8
20
12-11-26
Rev.1.
8
Page 5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn