Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74ALS520WM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM74ALS520WM
Description  8-Bit Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS520WM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS520WM Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS520WM Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS520WM Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS520WM Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS520WM Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Note 2: ICC is measured with EN grounded, A and B inputs at 4.5V and outputs OPEN.
Switching Characteristics
over recommended operating free air temperature range
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
62.0
°C/W
M Package
82.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = 4.5V to 5.5V
VCC − 2V
Output Voltage
IOH = −400 µA
VCC = 4.5V
2.4
3.2
V
IOH = Max
VOL
LOW Level Output Voltage
VCC = 4.5V
IOL = 24 mA
0.35
0.5
V
II
Max HIGH
VCC = 5.5V
VIH = 5.5V
Input Current
B Input DM74ALS520
0.1
mA
VIH = 7V, All Others
IIH
HIGH Level
VCC = 5.5V,
All Others
20
µA
Input Current
VIH = 2.7V
B Input DM74ALS520
−200
IIL
Low Level Input
VCC = 5.5V,
B Input DM74ALS520
−0.6
mA
Current
VIL = 0.4V
All Others
−0.1
mA
IO
Output Drive Current
VCC = 5.5V
VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V (Note 2)
12
19
mA
Symbol
Parameter
Conditions
From
To
Min
Max
Units
Input
Output
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
A or B
A
= B
312
ns
LOW-to-HIGH Level Output
CL = 50 pF
Data
tPHL
Propagation Delay Time
RL = 500Ω
A or B
A
= B
520
ns
HIGH-to-LOW Level Output
Data
tPLH
Propagation Delay Time
EN
A
= B
212
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
EN
A
= B
522
ns
HIGH-to-LOW Level Output


Similar Part No. - DM74ALS520WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS5245 FAIRCHILD-DM74ALS5245 Datasheet
78Kb / 7P
   Octal 3-STATE Transceiver
DM74ALS5245N FAIRCHILD-DM74ALS5245N Datasheet
78Kb / 7P
   Octal 3-STATE Transceiver
DM74ALS5245NX FAIRCHILD-DM74ALS5245NX Datasheet
78Kb / 7P
   Octal 3-STATE Transceiver
DM74ALS5245SJ FAIRCHILD-DM74ALS5245SJ Datasheet
78Kb / 7P
   Octal 3-STATE Transceiver
DM74ALS5245SJX FAIRCHILD-DM74ALS5245SJX Datasheet
78Kb / 7P
   Octal 3-STATE Transceiver
More results

Similar Description - DM74ALS520WM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
243Kb / 10P
   8 BIT EQUALITY COMPARATOR
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
Nexperia B.V. All right...
74HCT688 NEXPERIA-74HCT688 Datasheet
53Kb / 7P
   8-bit magnitude comparator
December 1990
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74LV688 PHILIPS-74LV688 Datasheet
126Kb / 12P
   8-bit magnitude comparator
1998 Jun 23
logo
Renesas Technology Corp
HD74HC682 RENESAS-HD74HC682 Datasheet
92Kb / 7P
   8-bit Magnitude Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com