Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD86102LZ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FDD86102LZ
Description  N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FDD86102LZ Datasheet(HTML) 1 Page - Diodes Incorporated

  FDD86102LZ Datasheet HTML 1Page - Diodes Incorporated FDD86102LZ Datasheet HTML 2Page - Diodes Incorporated FDD86102LZ Datasheet HTML 3Page - Diodes Incorporated FDD86102LZ Datasheet HTML 4Page - Diodes Incorporated FDD86102LZ Datasheet HTML 5Page - Diodes Incorporated FDD86102LZ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2012 Fairchild Semiconductor Corporation
FDD86102LZ Rev.C1
www.fairchildsemi.com
1
August 2012
FDD86102LZ
N-Channel PowerTrench® MOSFET
100 V, 35 A, 22.5 m
Ω
Features
Max rDS(on) = 22.5 mΩ at VGS = 10 V, ID = 8 A
Max rDS(on) = 31 mΩ at VGS = 4.5 V, ID = 7 A
HBM ESD protection level > 6 kV typical (Note 4)
Very low Qg and Qgd compared to competing trench
technologies
Fast switching speed
100% UIL tested
RoHS Compliant
General Description
This N-Channel MOSFET is produced using Fairchild
Semiconductor’s advanced PowerTrench® process that has
been especially tailored to minimize the on-state resistance and
switching loss. G-S zener has been added to enhance ESD
voltage level.
Applications
DC - DC Conversion
Inverter
Synchronous Rectifier
G
S
D
TO-252
D-PAK
(TO-252)
D
S
G
MOSFET Maximum Ratings T
C = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
100
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25 °C
42
A
-Continuous (Silicon limited)
TC = 25 °C
35
-Continuous
TA = 25 °C
(Note 1a)
8
-Pulsed
40
EAS
Single Pulse Avalanche Energy
(Note 3)
84
mJ
PD
Power Dissipation
TC = 25 °C
54
W
Power Dissipation
TA = 25 °C
(Note 1a)
3.1
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
2.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
40
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD86102LZ
FDD86102LZ
D-PAK(TO-252)
13 ’’
12 mm
2500 units


Similar Part No. - FDD86102LZ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD86102LZ ISC-FDD86102LZ Datasheet
282Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
FDD86102LZ VBSEMI-FDD86102LZ Datasheet
960Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD86102LZ FAIRCHILD-FDD86102LZ Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
logo
BYCHIP ELECTRONICS CO.,...
FDD86102LZ BYCHIP-FDD86102LZ Datasheet
690Kb / 4P
   N-channel Enhancement Mode Power MOSFET
logo
Fairchild Semiconductor
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
More results

Similar Description - FDD86102LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDPF3860TYDTU FAIRCHILD-FDPF3860TYDTU Datasheet
589Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100 V, 20 A, 38.2 m廓
FDMS86103L FAIRCHILD-FDMS86103L Datasheet
279Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 49 A, 8 m廓
FDI150N10 FAIRCHILD-FDI150N10 Datasheet
563Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100 V, 57 A, 16 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com