Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7123KSTZ140 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7123KSTZ140
Description  CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7123KSTZ140 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7123KSTZ140 Datasheet HTML 5Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 6Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 7Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 8Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 9Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 10Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 11Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 12Page - Analog Devices ADV7123KSTZ140 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADV7123
Rev. D | Page 9 of 24
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
VAA to GND
7 V
Voltage on Any Digital Pin
GND − 0.5 V to VAA + 0.5 V
Ambient Operating Temperature (TA)
−40°C to +85°C
Storage Temperature (TS)
−65°C to +150°C
Junction Temperature (TJ)
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase Soldering (1 Minute)
220°C
IOUT to GND1
0 V to VAA
1Analog output short circuit to any power supply or common GND can be of
an indefinite duration.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADV7123KSTZ140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
More results

Similar Description - ADV7123KSTZ140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com