Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX690BTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX690BTA
Description  45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX690BTA Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX690BTA Datasheet HTML 1Page - Diodes Incorporated FCX690BTA Datasheet HTML 2Page - Diodes Incorporated FCX690BTA Datasheet HTML 3Page - Diodes Incorporated FCX690BTA Datasheet HTML 4Page - Diodes Incorporated FCX690BTA Datasheet HTML 5Page - Diodes Incorporated FCX690BTA Datasheet HTML 6Page - Diodes Incorporated FCX690BTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FCX690B
Datasheet Number: DS33070 Rev. 2 - 2
1 of 7
www.diodes.com
February 2013
© Diodes Incorporated
FCX690B
A Product Line of
Diodes Incorporated
45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Features
BVCEO > 45V
IC = 2A high Continuous Collector Current
ICM up to 6A Peak Pulse Current
High gain hFE > 400 @ 1A
2W Power Dissipation
Low saturation voltage VCE(sat) < 300mV @ 1A
Complementary PNP type: FCX790A
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT89
Case material: molded plastic. “Green” molding compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.052 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FCX690BTA
690
7
12
1,000
FCX690B-13R
690
13
12
4,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.htmlfor more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free. 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
690 = Product Type Marking Code
Top View
Device Symbol
Top View
Pin Out
SOT89
C
E
C
B
Green
C
E
B
690


Similar Part No. - FCX690BTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Guangdong Kexin Industr...
FCX690B KEXIN-FCX690B Datasheet
52Kb / 2P
   NPN Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX690B DIODES-FCX690B Datasheet
96Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B DIODES-FCX690B_15 Datasheet
578Kb / 7P
   45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
More results

Similar Description - FCX690BTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX690B DIODES-FCX690B_15 Datasheet
578Kb / 7P
   45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
ZXTN25100DZ DIODES-ZXTN25100DZ_15 Datasheet
415Kb / 8P
   100V NPN high gain transistor in SOT89
ZXTN25012EZ DIODES-ZXTN25012EZ Datasheet
400Kb / 8P
   12V NPN high gain transistor in SOT89
ZXTN25020DZ DIODES-ZXTN25020DZ Datasheet
407Kb / 8P
   20V NPN high gain transistor in SOT89
ZXTN25100DZ DIODES-ZXTN25100DZ Datasheet
415Kb / 8P
   100V NPN high gain transistor in SOT89
ZXTN19020DZQ DIODES-ZXTN19020DZQ Datasheet
524Kb / 8P
   20V NPN HIGH GAIN TRANSISTOR IN SOT89
June 2018 Rev. 1 - 2
ZXTN19020DZ DIODES-ZXTN19020DZ Datasheet
423Kb / 8P
   20V NPN high gain transistor in SOT89
DXT690BP5 DIODES-DXT690BP5_15 Datasheet
250Kb / 7P
   45V NPN HIGH GAIN TRANSISTOR IN POWERDI짰5
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
FCX493A DIODES-FCX493A Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com