Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2314N Datasheet(PDF) 4 Page - Analog Power

Part # AM2314N
Description  N-Channel 20V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2314N Datasheet(HTML) 4 Page - Analog Power

  AM2314N Datasheet HTML 1Page - Analog Power AM2314N Datasheet HTML 2Page - Analog Power AM2314N Datasheet HTML 3Page - Analog Power AM2314N Datasheet HTML 4Page - Analog Power AM2314N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
AM2314N
Analog Power
July, 2004 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM2314_E
Typical Electrical Characteristics (N-Channel)
Figure 11. Normalized Thermal Transient Impedance, Junction-to-Ambient
Figure 8. On-Resistance vs. Gate-to-Source Voltage
Figure 10. Single Pulse Power
Figure 9. Threshold Voltage
Figure 7. Source-Drain Diode Forward Voltage
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
12345
VGS, GATE TO SOURCE VOLTAGE (V)
0.2
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (
oC)
ID = 250µA
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
t1, TIME (sec)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5


Similar Part No. - AM2314N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2314NE ANALOGPOWER-AM2314NE Datasheet
339Kb / 5P
   N-Channel 20-V (D-S) MOSFET
More results

Similar Description - AM2314N

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS23N20Z BWTECH-MS23N20Z Datasheet
789Kb / 6P
   N-Channel 20V (D-S) MOSFET
logo
Analog Power
AM3428N ANALOGPOWER-AM3428N Datasheet
166Kb / 3P
   N-Channel 20V (D-S) MOSFET
AM1320N ANALOGPOWER-AM1320N Datasheet
192Kb / 4P
   N-Channel 20V (D-S) MOSFET
AM2332N ANALOGPOWER-AM2332N Datasheet
178Kb / 5P
   N-Channel 20V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
4410AGM VBSEMI-4410AGM Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800AGM-HF VBSEMI-4800AGM-HF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800BGM-HF VBSEMI-4800BGM-HF Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
SPN4412WS8RGB VBSEMI-SPN4412WS8RGB Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
AM9410N-T1-PF VBSEMI-AM9410N-T1-PF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
AO4418 VBSEMI-AO4418 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
11D3L VBSEMI-11D3L Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com