Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74ALS165 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74ALS165
Description  8-Bit Parallel In/Serial Out Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS165 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS165 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS165 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS165 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS165 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS165 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS165 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Symbol
Parameter
Input
Output
Conditions
Min
Typ
Max
Units
fMAX
Maximum Frequency
VCC = 4.5V to 5.5V,
45
60
MHz
tPLH
Propagation Delay Time
Load
QH or QH
CL = 50 pF,
413
20
LOW-to-HIGH Level Output
RL = 500Ω
ns
tPHL
Propagation Delay Time
Load
QH or QH
TA = Min to Max
414
22
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
CLK
QH or QH
37
13
LOW-to-HIGH Level Output
ns
tPHL
Propagation Delay Time
CLK
QH or QH
39
14
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
HQH
37
13
LOW-to-HIGH Level Output
ns
tPHL
Propagation Delay Time
HQH
39
16
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
HQH
28
15
LOW-to-HIGH Level Output
ns
tPHL
Propagation Delay Time
HQH
39
16
HIGH-to-LOW Level Output


Similar Part No. - DM74ALS165

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS161B FAIRCHILD-DM74ALS161B Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS161BM FAIRCHILD-DM74ALS161BM Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS161BN FAIRCHILD-DM74ALS161BN Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS162BM FAIRCHILD-DM74ALS162BM Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS162BN FAIRCHILD-DM74ALS162BN Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
More results

Similar Description - DM74ALS165

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com