Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9235BCPZ-20 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9235BCPZ-20
Description  12-Bit, 20/40/65 MSPS 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235BCPZ-20 Datasheet(HTML) 3 Page - Analog Devices

  AD9235BCPZ-20 Datasheet HTML 1Page - Analog Devices AD9235BCPZ-20 Datasheet HTML 2Page - Analog Devices AD9235BCPZ-20 Datasheet HTML 3Page - Analog Devices AD9235BCPZ-20 Datasheet HTML 4Page - Analog Devices AD9235BCPZ-20 Datasheet HTML 5Page - Analog Devices AD9235BCPZ-20 Datasheet HTML 6Page - Analog Devices AD9235BCPZ-20 Datasheet HTML 7Page - Analog Devices AD9235BCPZ-20 Datasheet HTML 8Page - Analog Devices AD9235BCPZ-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
AD9235
Rev. D | Page 3 of 40
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference, TMIN to TMAX,
unless otherwise noted.
Table 1.
Parameter
Temp
Test
Level
AD9235BRU/BCP-20
AD9235BRU/BCP-40
AD9235BRU/BCP-65
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
Full
VI
12
12
12
Bits
ACCURACY
No Missing Codes Guaranteed
Full
VI
12
12
12
Bits
Offset Error
Full
VI
±0.30
±1.20
±0.50
±1.20
±0.50
±1.20
% FSR
Gain Error1
Full
VI
±0.30
±2.40
±0.50
±2.50
±0.50
±2.60
% FSR
Differential Nonlinearity (DNL)2
Full
IV
±0.35
±0.65
±0.35
±0.75
±0.40
±0.80
LSB
25°C
I
±0.35
±0.35
±0.35
LSB
Integral Nonlinearity (INL)2
Full
IV
±0.45
±0.80
±0.50
±0.90
±0.70
±1.30
LSB
25°C
I
±0.40
±0.40
±0.45
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±2
±2
±3
ppm/°C
Gain Error
Full
V
±12
±12
±12
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
VI
±5
±35
±5
±35
±5
±35
mV
Load Regulation @ 1.0 mA
Full
V
0.8
0.8
0.8
mV
Output Voltage Error (0.5 V Mode)
Full
V
±2.5
±2.5
±2.5
mV
Load Regulation @ 0.5 mA
Full
V
0.1
0.1
0.1
mV
INPUT REFERRED NOISE
VREF = 0.5 V
25°C
V
0.54
0.54
0.54
LSB rms
VREF = 1.0 V
25°C
V
0.27
0.27
0.27
LSB rms
ANALOG INPUT
Input Span, VREF = 0.5 V
Full
IV
1
1
1
V p-p
Input Span, VREF = 1.0 V
Full
IV
2
2
2
V p-p
Input Capacitance3
Full
V
7
7
7
pF
REFERENCE INPUT RESISTANCE
Full
V
7
7
7
kΩ
POWER SUPPLIES
Supply Voltages
AVDD
Full
IV
2.7
3.0
3.6
2.7
3.0
3.6
2.7
3.0
3.6
V
DRVDD
Full
IV
2.25
3.0
3.6
2.25
3.0
3.6
2.25
3.0
3.6
V
Supply Current
IAVDD2
Full
V
30
55
100
mA
IDRVDD2
Full
V
2
5
7
mA
PSRR
Full
V
±0.01
±0.01
±0.01
% FSR
POWER CONSUMPTION
DC Input4
Full
V
90
165
300
mW
Sine Wave Input2
Full
VI
95
110
180
205
320
350
mW
Standby Power5
Full
V
1.0
1.0
1.0
mW
1
Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.0 V external reference).
2
Measured at maximum clock rate, fIN = 2.4 MHz, full-scale sine wave, with approximately 5 pF loading on each output bit.
3
Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 5 for the equivalent analog input structure.
4
Measured with dc input at maximum clock rate.
5
Standby power is measured with a dc input, the CLK pin inactive (i.e., set to AVDD or AGND).


Similar Part No. - AD9235BCPZ-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
833Kb / 41P
   3V A/D Converter
More results

Similar Description - AD9235BCPZ-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235 AD-AD9235 Datasheet
1Mb / 32P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. B
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com