Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM74ALS153 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. DM74ALS153
Description  Dual 1-of-4 Line Data Selector/Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

DM74ALS153 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
78.0
°C/W
M Package
107.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, IIN = −18 mA
−1.5
V
VOH
HIGH Level
VCC = 4.5V, IOH = Max
2.4
3.2
V
Output Voltage
IOH = −400 µA, VCC = 4.5V to 5.5V
VCC − 2V
VOL
LOW Level
VCC = 4.5V
IOL = 24 mA
0.35
0.5
V
Output Voltage
II
Input Current at
VCC = 5.5V, VIN = 7V
0.1
mA
Max Input Voltage
IIH
High Level Input Current
VCC = 5.5V, VIN = 2.7V
20
µA
IIL
Low Level Input Current
VCC = 5.5V, VIN = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V, VOUT = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
7.5
14
mA
All Inputs
= 4.5V
Symbol
Parameter
Conditions
From
To
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
Select
Y
5
21
ns
LOW-to-HIGH Level Output
CL = 50 pF
tPHL
Propagation Delay Time
RL = 500Ω
Select
Y
5
21
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Data
Y
3
10
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data
Y
4
15
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Strobe
Y
5
18
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Strobe
Y
5
18
ns
HIGH-to-LOW Level Output


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn