Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM74ALS151 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. DM74ALS151
Description  1 of 8 Line Data Selector/Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

DM74ALS151 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006203
www.fairchildsemi.com
April 1984
Revised February 2000
DM74ALS151
1 of 8 Line Data Selector/Multiplexer
General Description
This Data Selector/Multiplexer contains full on-chip decod-
ing to select one-of-eight data sources as a result of a
unique three-bit binary code at the Select inputs. Two com-
plementary outputs provide both inverting and non-invert-
ing buffer operation. A Strobe input is provided which,
when at the high level, disables all data inputs and forces
the Y output to the LOW state and the W output to the
HIGH state. The Select input buffers incorporate internal
overlap features to ensure that select input changes do not
cause invalid output transients.
Features
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Switching performance is guaranteed over full tempera-
ture and VCC supply range
s Pin and functional compatible with LS family counterpart
s Improved output transient handling capability
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Level
L
= LOW Level
X
= Don't Care
D0 thru D7
= the level of the respective D input
Order Number
Package Number
Package Description
DM74ALS151M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS151N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Outputs
Select
Strobe
YW
CBA
S
XX
X
H
L
H
LLL
L
D0
D0
L
L
H
L
D1
D1
L
H
L
L
D2
D2
L
H
H
L
D3
D3
H
L
L
L
D4
D4
H
L
H
L
D5
D5
H
H
L
L
D6
D6
HHH
L
D7
D7


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn