Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM74ALS151 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. DM74ALS151
Description  1 of 8 Line Data Selector/Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS151 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS151 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS151 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS151 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS151 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS151 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS151 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
Conditions
From
To
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
Select
Y
4
18
ns
LOW-to-HIGH Level Output
CL = 50 pF
tPHL
Propagation Delay Time
RL = 500Ω
Select
Y
8
24
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select
W
7
24
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select
W
7
23
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Data
Y
3
10
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data
Y
5
15
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Data
W
3
15
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data
W
4
15
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Strobe
Y
4
18
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Strobe
Y
4
19
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Strobe
W
5
19
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Strobe
W
5
23
ns
HIGH-to-LOW Level Output


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DM74ALS153 Dual 1-of-4 Line Data Selector/Multiplexer 1  2  3  4  5  More Fairchild Semiconductor
QSBT40 QUAD DATA LINE SCHOTTKY BUS TERMINATOR 1  2  Diodes Incorporated
NUP6101DMR2 Unidirectional TVS Array for High-Speed Data Line Protection 1  2  3  4  ON Semiconductor
DM74ALS157 Quad 1-of-2 Line Data Selector/Multiplexer 1  2  3  4  5  More Fairchild Semiconductor
NUP4302MR6 Schottky Diode Array for Four Data Line ESD Protection 1  2  3  4  ON Semiconductor
DR221 Surface Mount Data Line Chokes 1  2  Bourns Electronic Solutions
ITA6V5C1 MONOLITHICTRANSIL ARRAY FOR DATA LINE PROTECTION 1  2  3  4  5  STMicroelectronics
DM74ALS251 3-STATE 1-of-8 Line Data Selector/Multiplexer 1  2  3  4  5  More Fairchild Semiconductor
DLTS-5 DATA LINE TRANSIENT SUPPRESSOR 1  2  Microsemi Corporation
DM54S251 TRI-STATE 1 of 8 Line Data Selector/Multiplexer 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn