Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFE500S-28 Datasheet(PDF) 2 Page - TDK Electronics

Part # PFE500S-28
Description  300 to 1008W AC-DC Power Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PFE500S-28 Datasheet(HTML) 2 Page - TDK Electronics

  PFE500S-28 Datasheet HTML 1Page - TDK Electronics PFE500S-28 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
119
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision C4: Mar 2013
PFE300-1000 Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/pfe-series.htm
PFE500S & PFE700S Outline Drawing
PFE500S Basic connection
PFE500F Outline Drawing
111.8±0.5
122.0±0.5
5.26
15.0
15.0
54.12
3.7
See note A
See note C
See note D
See note B
See note E
2.54
Lot No. seal
L
C
6 0 9 5
6 0 9 5
N
E N
E
0
0
-V
+V
+S
TRIM
IOG
ENA
COM
-S
PC
+ON/OFF
AUX
-ON/OFF
INPUT:100-240VAC 8A
OUTPUT:48V
10.5A
50/60Hz
-BC
+BC
AC-DC
BAR CODE
PFE500F-48
AC (N)
AC (L)
R
MADE IN JAPAN
R
+BC
-BC
COM
ENA
IOG
TRIM
+S
-S
PC
+ON/OFF
-ON/OFF
AUX
-V
+V
AC(N)
AC(L)
Heatsink
Size (mm)
PFE Module
HAF-10L
116.8 x 25.4 x 61
PFE300/500S
HAF-15L
116.8 x 38.1 x 61
PFE300/500S
HAF-15T
116.8 x 38.1 x 61
PFE300/500S
HAL-F12T
122 x 35 x 69.9
PFE500F
HAM-F10T
160 x 33.4 x 100
PFE1000F
Suffix
Description
Blank
M3 tapped mounting inserts (4)
/T
3.3mm non-threaded inserts (4)
Heatsink Table (PFE-S Models only)
Options
Output
Adjust.
Maximum
Maximum
Load
Line
Efficiency
Model
Voltage (V)
Range (V)
Current (A)
Wattage (W)
Reg. (mV)
Reg. (mV)
typ (4)
PFE300S-12
12
9.6 - 14.4
25
300
48
48
81 / 83
PFE500S-12
12
9.6 - 14.4
33
396
48
48
82 / 83
PFE500F-12
12
9.6 - 14.4
42
504
48
48
81 / 83
PFE1000F-12
12
9.6 - 14.4
60
720
48
48
80 / 82
PFE300S-28
28
22.4 - 33.6
10.8
302
56
56
83 / 85
PFE500S-28
28
22.4 - 33.6
18
504
56
56
84 / 86
PFE500F-28
28
22.4 - 33.6
18
504
56
56
84 / 86
PFE1000F-28
28
22.4 - 33.6
36
1008
56
56
84 / 86
PFE300S-48
48
38.4 - 57.6
6.3
302
96
96
84 / 86
PFE500S-48
48
38.4 - 57.6
10.5
504
96
96
84 / 86
PFE500F-48
48
38.4 - 57.6
10.5
504
96
96
84 / 86
PFE1000F-48
48
38.4 - 57.6
21
1008
96
96
84 / 86
PFE700S-48
51
None
14
714
50 - 57V (5)
86 / 89
(4) 100 / 200VAC
(5) Total regulation range
Specifications


Similar Part No. - PFE500S-28

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PFE500S48 TDK-PFE500S48 Datasheet
215Kb / 3P
   300 to 1008W AC-DC Power Module
PFE500SA-12 TDK-PFE500SA-12 Datasheet
215Kb / 3P
   300 to 1008W AC-DC Power Module
PFE500SA-12 TDK-PFE500SA-12 Datasheet
592Kb / 2P
   300-1008W AC-DC Power Module
PFE500SA-12 TDK-PFE500SA-12 Datasheet
177Kb / 1P
   AC-DC Power Supplies
PFE500SA-12-T TDK-PFE500SA-12-T Datasheet
177Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - PFE500S-28

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PFE500S48 TDK-PFE500S48 Datasheet
215Kb / 3P
   300 to 1008W AC-DC Power Module
PFE-SA TDK-PFE-SA Datasheet
592Kb / 2P
   300-1008W AC-DC Power Module
logo
List of Unclassifed Man...
PFE500-28 ETC2-PFE500-28 Datasheet
241Kb / 2P
   300 to 714W AC-DC Power Module
logo
C&D Technologies
NX301 CANDD-NX301 Datasheet
64Kb / 4P
   300 WATT AC/DC POWER SUPPLY
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
   AC-DC Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com