Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL3016IDG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TL3016IDG4
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3016IDG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL3016IDG4 Datasheet HTML 3Page - Texas Instruments TL3016IDG4 Datasheet HTML 4Page - Texas Instruments TL3016IDG4 Datasheet HTML 5Page - Texas Instruments TL3016IDG4 Datasheet HTML 6Page - Texas Instruments TL3016IDG4 Datasheet HTML 7Page - Texas Instruments TL3016IDG4 Datasheet HTML 8Page - Texas Instruments TL3016IDG4 Datasheet HTML 9Page - Texas Instruments TL3016IDG4 Datasheet HTML 10Page - Texas Instruments TL3016IDG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TL3016, TL3016Y
ULTRA-FAST LOW-POWER
PRECISION COMPARATORS
SLCS130D – MARCH 1997 – REVISED MARCH 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
4
3
1
0
010
20
30
6
7
Overdrive Voltage – mV
PROPAGATION DELAY TIME
vs
OVERDRIVE VOLTAGE
8
40
50
5
2
9
10
VCC = ± 5 V
TA = 25°C
Figure 7
Falling Edge
Rising Edge
6
4
0
4.4
4.6
4.8
5
8
10
PROPAGATION DELAY TIME
vs
SUPPLY VOLTAGE
12
5.2
5.4
5.6
VCC – Supply Voltage – V
2
VCC = ± 5 V
TA = 25°C
Figure 8
5 mV
20 mV
10
6
4
0
0
50
100
150
14
18
PROPAGATION DELAY TIME
vs
INPUT IMPEDANCE
20
200
250
300
16
12
8
2
ZO – Input Impedance – Ω
VCC = ± 5 V
TA = 25°C
Figure 9
tPDHL
tPDLH
CL – Load Capacitance – pF
5
4
2
0
010
20
30
7
9
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
10
40
50
8
6
3
1
VCC = ± 5 V
TA = 25°C


Similar Part No. - TL3016IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3016ID TI-TL3016ID Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

Similar Description - TL3016IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com