Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS83ZQLR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75LVDS83ZQLR
Description  FlatLink TRANSMITTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS83ZQLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LVDS83ZQLR Datasheet HTML 2Page - Texas Instruments SN75LVDS83ZQLR Datasheet HTML 3Page - Texas Instruments SN75LVDS83ZQLR Datasheet HTML 4Page - Texas Instruments SN75LVDS83ZQLR Datasheet HTML 5Page - Texas Instruments SN75LVDS83ZQLR Datasheet HTML 6Page - Texas Instruments SN75LVDS83ZQLR Datasheet HTML 7Page - Texas Instruments SN75LVDS83ZQLR Datasheet HTML 8Page - Texas Instruments SN75LVDS83ZQLR Datasheet HTML 9Page - Texas Instruments SN75LVDS83ZQLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN75LVDS83
FlatLink TRANSMITTER
SLLS271I − MARCH 1997 − REVISED MAY 2009
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
td0
Delay time, CLKOUT
↑ to serial bit position 0
− 0.2
0
0.2
ns
td1
Delay time, CLKOUT
↑ to serial bit position 1
1
7
tc * 0.2
1
7
tc ) 0.2
ns
td2
Delay time, CLKOUT
↑ to serial bit position 2
2
7
tc * 0.2
2
7
tc ) 0.2
ns
td3
Delay time, CLKOUT
↑ to serial bit position 3 tc = 15.38 ns (± 0.2%),
|Input clock jitter| < 50 ps‡, See Figure 6
3
7
tc * 0.2
3
7
tc ) 0.2
ns
td4
Delay time, CLKOUT
↑ to serial bit position 4
c
|Input clock jitter| < 50 ps‡, See Figure 6
4
7
tc * 0.2
4
7
tc ) 0.2
ns
td5
Delay time, CLKOUT
↑ to serial bit position 5
5
7
tc * 0.2
5
7
tc ) 0.2
ns
td6
Delay time, CLKOUT
↑ to serial bit position 6
6
7
tc * 0.2
6
7
tc ) 0.2
ns
tsk(o)
Output skew,
tn *
n
7
tc
− 0.2
0.2
ns
td7
Delay time, CLKIN
↓ to CLKOUT↑
tc = 18.51 ns (± 0.2%),
|Input clock jitter| < 50 ps‡, See Figure 6
3.75
5.6
7.75
ns
∆tc(o) Cycle time, output clock jitter§
tc = 15.38 ± 0.75 sin (2π500E3t) + 0.05 ns,
See Figure 7
±70
ps
∆tc(o) Cycle time, output clock jitter§
tc = 15.38 ± 0.75 sin (2π3E6t) + 0.05 ns,
See Figure 7
±187
ps
tw
Pulse duration, high-level output clock
4
7
tc
ns
tt
Transition time, differential output (tr or tf)
See Figure 3
260
700
1500
ps
ten
Enable time, SHTDN
↑ to phase lock (Yn
valid)
See Figure 8
1
ms
tdis
Disable time, SHTDN
↓ to off state
(CLKOUT low)
See Figure 9
250
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ |Input clock jitter| is the magnitude of the change in the input clock period.
§ Output clock jitter is the change in the output clock period from one cycle to the next cycle observed over 15 000 cycles.
Not Recommended for New Designs


Similar Part No. - SN75LVDS83ZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83 TI-SN75LVDS83 Datasheet
205Kb / 15P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83ADGG TI1-SN75LVDS83ADGG Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83ADGGR TI1-SN75LVDS83ADGGR Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
More results

Similar Description - SN75LVDS83ZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C_17 Datasheet
1Mb / 29P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84A TI1-SN65LVDS84A Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com