Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75HVD12P Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD12P
Description  3.3-V RS-485 TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD12P Datasheet(HTML) 1 Page - Texas Instruments

  SN75HVD12P Datasheet HTML 1Page - Texas Instruments SN75HVD12P Datasheet HTML 2Page - Texas Instruments SN75HVD12P Datasheet HTML 3Page - Texas Instruments SN75HVD12P Datasheet HTML 4Page - Texas Instruments SN75HVD12P Datasheet HTML 5Page - Texas Instruments SN75HVD12P Datasheet HTML 6Page - Texas Instruments SN75HVD12P Datasheet HTML 7Page - Texas Instruments SN75HVD12P Datasheet HTML 8Page - Texas Instruments SN75HVD12P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
DORPPACKAGE
(TOPVIEW)
1
2
3
4
6
7
A
B
R
RE
DE
D
SN65HVD10, SN65HVD10Q, SN75HVD10
SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12
www.ti.com
SLLS505K
– FEBRUARY 2002 – REVISED SEPTEMBER 2011
3.3-V RS-485 TRANSCEIVERS
Check for Samples: SN65HVD10, SN65HVD10Q, SN75HVD10, SN65HVD11, SN65HVD11Q, SN75HVD11, SN65HVD12, SN75HVD12
1
FEATURES
DESCRIPTION
The
SN65HVD10,
SN75HVD10,
SN65HVD11,
Operates With a 3.3-V Supply
SN75HVD11,
SN65HVD12,
and
SN75HVD12
Bus-Pin ESD Protection Exceeds 16 kV HBM
combine
a
3-state
differential
line
driver
and
1/8 Unit-Load Option Available (Up to 256
differential input line receiver that operate with a
Nodes on the Bus)
single 3.3-V power supply. They are designed for
balanced transmission lines and meet or exceed
Optional Driver Output Transition Times for
ANSI standard TIA/EIA-485-A and ISO 8482:1993.
Signaling Rates (1) of 1 Mbps, 10 Mbps, and
These differential bus transceivers are monolithic
32 Mbps
integrated circuits designed for bidirectional data
Meets or Exceeds the Requirements of ANSI
communication on multipoint bus-transmission lines.
TIA/EIA-485-A
The drivers and receivers have active-high and
active-low enables respectively, that can be externally
Bus-Pin Short Circuit Protection From
–7 V to
connected together to function as direction control.
12 V
Very low device standby supply current can be
Low-Current Standby Mode . . . 1
µA Typical
achieved by disabling the driver and the receiver.
Open-Circuit, Idle-Bus, and Shorted-Bus
The driver differential outputs and receiver differential
Failsafe Receiver
inputs connect internally to form a differential input/
Thermal Shutdown Protection
output (I/O) bus port that is designed to offer
minimum loading to the bus whenever the driver is
Glitch-Free Power-Up and Power-Down
disabled or VCC = 0. These parts feature wide positive
Protection for Hot-Plugging Applications
and negative common-mode voltage ranges, making
SN75176 Footprint
them suitable for party-line applications.
APPLICATIONS
Digital Motor Control
Utility Meters
Chassis-to-Chassis Interconnects
Electronic Security Stations
Industrial Process Control
Building Automation
Point-of-Sale (POS) Terminals and Networks
(1)
The signaling rate of a line is the number of voltage
transitions that are made per second expressed in the units
bps (bits per second).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2002–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75HVD12P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD12P TI-SN75HVD12P Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN75HVD12P TI-SN75HVD12P Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12P TI-SN75HVD12P Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12PE4 TI-SN75HVD12PE4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD12P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com