Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH16825DGGR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH16825DGGR
Description  Member of the Texas Instruments Widebus
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16825DGGR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74ALVCH16825DGGR Datasheet HTML 6Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 7Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 8Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 9Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 10Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 11Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 12Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 13Page - Texas Instruments SN74ALVCH16825DGGR Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - SN74ALVCH16825DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16825DGG TI-SN74ALVCH16825DGG Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH16825DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G74DQER TI-SN74LVC1G74DQER Datasheet
811Kb / 21P
[Old version datasheet]   Available in the Texas Instruments NanoFree??Package
logo
Bel Fuse Inc.
S560-6600-CE BEL-S560-6600-CE Datasheet
63Kb / 2P
   ADSL Magnetics Texas Instruments
S560-6600-AB BEL-S560-6600-AB Datasheet
160Kb / 2P
   ADSL Magnetics Texas Instruments
logo
Advanced Thermal Soluti...
ATS-TI10P-521-C1-R1 ATS-ATS-TI10P-521-C1-R1 Datasheet
121Kb / 1P
   Heat Sinks For Texas Instruments
REV3_1117
logo
RENCO ELECTRONICS, INC.
RL-2580 RENCO-RL-2580 Datasheet
111Kb / 1P
   FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
   member of the low-cost
logo
Bel Fuse Inc.
0560-6600-64 BEL-0560-6600-64 Datasheet
53Kb / 2P
   ADSL Magnetics For Texas Instruments
logo
Advanced Thermal Soluti...
ATS-TI10P-518-C1-R0 ATS-ATS-TI10P-518-C1-R0 Datasheet
258Kb / 1P
   Heat Sinks For Texas Instruments
REV3_1117
logo
RENCO ELECTRONICS, INC.
RL-5532 RENCO-RL-5532 Datasheet
65Kb / 1P
   FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
RL-5751 RENCO-RL-5751 Datasheet
278Kb / 1P
   FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com