Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75HVD12DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD12DR
Description  3.3-V RS-485 TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD12DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75HVD12DR Datasheet HTML 3Page - Texas Instruments SN75HVD12DR Datasheet HTML 4Page - Texas Instruments SN75HVD12DR Datasheet HTML 5Page - Texas Instruments SN75HVD12DR Datasheet HTML 6Page - Texas Instruments SN75HVD12DR Datasheet HTML 7Page - Texas Instruments SN75HVD12DR Datasheet HTML 8Page - Texas Instruments SN75HVD12DR Datasheet HTML 9Page - Texas Instruments SN75HVD12DR Datasheet HTML 10Page - Texas Instruments SN75HVD12DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
60 Ω ±1%
VOD
0or3V
_
+
−7V<V(test) <12V
DE
VCC
A
B
D
375 Ω ±1%
375 Ω ±1%
IOA
VOD
54 Ω ±1%
0or3V
VOA
VOB
IOB
DE
VCC
II
VI
A
B
VOC
27
Ω ± 1%
Input
A
B
VA
VB
VOC(PP)
∆VOC(SS)
VOC
27
Ω ± 1%
CL = 50 pF ±20%
D
A
B
DE
VCC
Input: PRR = 500 kHz, 50% Duty Cycle,tr<6ns, tf<6ns, ZO = 50 Ω
CL Includes Fixture and
Instrumentation Capacitance
VOD
RL = 54 Ω
± 1%
50
Generator: PRR = 500 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
tPLH
tPHL
1.5 V
1.5 V
3 V
≈ 2 V
≈ –2 V
90%
10%
0 V
VI
VOD
tr
tf
CL = 50 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
D
A
B
DE
VCC
VI
Input
Generator
90%
0 V
10%
RL = 110 Ω
± 1%
Input
Generator
50
Generator: PRR = 500 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
3 V
S1
0.5 V
3 V
0 V
VOH
≈ 0 V
tPHZ
tPZH
1.5 V
1.5 V
VI
VO
CL = 50 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
D
A
B
DE
VO
VI
2.3 V
SN65HVD10, SN65HVD10Q, SN75HVD10
SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12
www.ti.com
SLLS505K
– FEBRUARY 2002 – REVISED SEPTEMBER 2011
PARAMETER MEASUREMENT INFORMATION
Figure 1. Driver VOD Test Circuit and Voltage and
Figure 2. Driver VOD With Common-Mode Loading
Current Definitions
Test Circuit
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
Figure 4. Driver Switching Test Circuit and Voltage Waveforms
Figure 5. Driver High-Level Enable and Disable Time Test Circuit and Voltage Waveforms
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65HVD10, SN65HVD10Q, SN75HVD10 SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12


Similar Part No. - SN75HVD12DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD12DR TI-SN75HVD12DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12DRG4 TI-SN75HVD12DRG4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD12DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com