Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLDS145B Datasheet(PDF) 3 Page - Texas Instruments

Part # SLDS145B
Description  TFP410 TI PanelBus DIGITAL TRANSMITTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLDS145B Datasheet(HTML) 3 Page - Texas Instruments

  SLDS145B Datasheet HTML 1Page - Texas Instruments SLDS145B Datasheet HTML 2Page - Texas Instruments SLDS145B Datasheet HTML 3Page - Texas Instruments SLDS145B Datasheet HTML 4Page - Texas Instruments SLDS145B Datasheet HTML 5Page - Texas Instruments SLDS145B Datasheet HTML 6Page - Texas Instruments SLDS145B Datasheet HTML 7Page - Texas Instruments SLDS145B Datasheet HTML 8Page - Texas Instruments SLDS145B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TFP410
TI
PanelBus™ DIGITAL TRANSMITTER
SLDS145B − OCTOBER 2001 − REVISED MAY 2011
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
12/24 Bit
I/F
Data
Format
Universal Input
T.M.D.S. Transmitter
Serializer
Serializer
Serializer
Control
I2C Slave I/F
For DDC
1.8-V Regulators
With Bypass
Capacitors
PLL
TX2±
TX1±
TX0±
TXC±
TFADJ
IDCK±
DATA[23:0]
DE
VSYNC
HSYNC
EDGE/HTPLG
MSEN
PD
ISEL/RST
BSEL/SCL
DSEL/SDA
VREF
Encoder
Encoder
Encoder
CTL/A/DK[3:1]
DKEN
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
Input
DATA[23:12]
36−47
I
The upper 12 bits of the 24-bit pixel bus
In 24-bit, single-edge input mode (BSEL = high), this bus inputs the top half of the 24-bit pixel bus.
In 12-bit, dual-edge input mode (BSEL = low), these bits are not used to input pixel data. In this mode,
the state of DATA[23:16] is input to the I2C register CFG. This allows 8 bits of user configuration data to
be read by the graphics controller through the I2C interface (see the I2C register descriptions section).
Note: All unused data inputs should be tied to GND or VDD.
DATA[11:0]
50−55,
58−63
I
The lower 12 bits of the 24-bit pixel bus/12-bit pixel bus input
In 24-bit, single-edge input mode (BSEL = high), this bus inputs the bottom half of the 24-bit pixel bus.
In 12-bit, dual-edge input mode (BSEL = low), this bus inputs 1/2 a pixel (12 bits) at every latch edge
(both rising and falling) of the clock.
IDCK−
IDCK+
56
57
I
Differential clock input. The TFP410 supports both single-ended and fully differential clock input
modes. In the single-ended clock input mode, the IDCK+ input (pin 57) should be connected to the
single-ended clock source and the IDCK− input (pin 56) should be tied to GND. In the differential clock
input mode, the TFP410 uses the crossover point between the IDCK+ and IDCK− signals as the timing
reference for latching incoming data DATA[23:0], DE, HSYNC, & VSYNC. The differential clock input
mode is only available in the low signal swing mode.
DE
2
I
Data enable. As defined in DVI 1.0 specification, the DE signal allows the transmitter to encode pixel
data or control data on any given input clock cycle. During active video (DE = high), the transmitter
encodes pixel data, DATA[23:0]. During the blanking interval (DE = low), the transmitter encodes
HSYNC, VSYNC and CTL[3:1].
HSYNC
4
I
Horizontal sync input
VSYNC
5
I
Vertical sync input


Similar Part No. - SLDS145B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLDSC1 ETC2-SLDSC1 Datasheet
39Kb / 1P
   2.0mm Ceramic Surface Mount Crystal
logo
Caliber Electronics Inc...
SLDSC1 CALIBER-SLDSC1 Datasheet
44Kb / 1P
   2.0mm Ceramic Surface Mount Crystal
logo
List of Unclassifed Man...
SLDSC3 ETC2-SLDSC3 Datasheet
39Kb / 1P
   2.0mm Ceramic Surface Mount Crystal
logo
Caliber Electronics Inc...
SLDSC3 CALIBER-SLDSC3 Datasheet
44Kb / 1P
   2.0mm Ceramic Surface Mount Crystal
logo
List of Unclassifed Man...
SLDSE1 ETC2-SLDSE1 Datasheet
39Kb / 1P
   2.0mm Ceramic Surface Mount Crystal
More results

Similar Description - SLDS145B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP410 TI1-TFP410_V01 Datasheet
3Mb / 42P
[Old version datasheet]   TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
TFP513 TI-TFP513 Datasheet
424Kb / 29P
[Old version datasheet]   TI PANELBUS DIGITAL TRANSMITTER
TFP410-EP TI1-TFP410-EP Datasheet
878Kb / 31P
[Old version datasheet]   PanelBus??DIGITAL TRANSMITTER
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
[Old version datasheet]   TI PanelBus??DIGITAL RECEIVER
TFP401 TI-TFP401 Datasheet
303Kb / 19P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
[Old version datasheet]   TFP401x TI PanelBus Digital Receiver
TFP410-EP TI1-TFP410-EP_16 Datasheet
885Kb / 31P
[Old version datasheet]   PanelBus DIGITAL TRANSMITTER
TFP510 TI-TFP510 Datasheet
399Kb / 27P
[Old version datasheet]   TI PANEL BUS DIGITAL TRANSMITTER
TFP410 TI-TFP410 Datasheet
378Kb / 26P
[Old version datasheet]   TI PANEL BUS DIGITAL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com