Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2929HQ(O) Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TB2929HQ(O)
Description  45W4-ch BTL Audio Power IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2929HQ(O) Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB2929HQ(O) Datasheet HTML 3Page - Toshiba Semiconductor TB2929HQ(O) Datasheet HTML 4Page - Toshiba Semiconductor TB2929HQ(O) Datasheet HTML 5Page - Toshiba Semiconductor TB2929HQ(O) Datasheet HTML 6Page - Toshiba Semiconductor TB2929HQ(O) Datasheet HTML 7Page - Toshiba Semiconductor TB2929HQ(O) Datasheet HTML 8Page - Toshiba Semiconductor TB2929HQ(O) Datasheet HTML 9Page - Toshiba Semiconductor TB2929HQ(O) Datasheet HTML 10Page - Toshiba Semiconductor TB2929HQ(O) Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TB2929HQ
2009-01-29
7
5. Pop Noise Suppression
Since the TB2929HQ uses the AC-GND pin (pin 16) as the common input reference voltage pin for all
amplifiers, the ratio of the input capacitance (C1) to the AC-to-GND capacitance (C6) should be 1:4.
Also, if power is removed before C1 and C6 are completely charged, pop noise will be generated because of
unbalanced DC currents.
To avoid this problem, it is recommended to use a larger capacitor as C2 to increase the charging times of C1
and C6. Note, however, that C2 also affects the time required from power-on to audio output.
The pop noise generated by the muting and unmuting of the audio output varies with the time constant of
C4. A larger capacitance reduces the pop noise, but increases the time from when the mute control signal is
applied to C4 to when the mute function is enabled.
6. External Component Constants
Effects
Component
Recommended
Value
Purpose
When lower than
recommended value
When higher than
recommended value
Notes
C1
0.22
μF
To eliminate DC
Cut-off frequency is
increased.
Cut-off frequency is reduced.
Pop noise is
generated
when VCC is
turned on.
C2
10
μF
To reduce ripple
Powering on/off is faster.
Powering on/off is slower.
C3
0.1
μF
To provide
sufficient
oscillation margin
Reduces noise and provides sufficient oscillation margin
C4
1
μF
To reduce pop
noise
High pop noise. Duration until
mute function is turned on/off
is short.
Low pop noise. Duration until
mute function is turned on/off
is long.
C5
3900
μF
Ripple filter
Power supply humming and ripple filtering.
C6
1
μF
Common
reference voltage
for all input
Pop noise is suppressed when C1: C6
= 1:4.
Pop noise is
generated
when VCC is
turned on.
C7
0.22
μF
To eliminate DC
Cut-off frequency is
increased in AUX
Cut-off frequency is reduced
in AUX.


Similar Part No. - TB2929HQ(O)

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2929HQ TOSHIBA-TB2929HQ Datasheet
268Kb / 17P
   45W × 4-ch BTL Audio Power IC
2009-01-29
More results

Similar Description - TB2929HQ(O)

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2939HQ TOSHIBA-TB2939HQ Datasheet
362Kb / 18P
   45W × 4-ch BTL Audio Power IC
Rev-1.0 2009-01-21
TB2929HQ TOSHIBA-TB2929HQ Datasheet
268Kb / 17P
   45W × 4-ch BTL Audio Power IC
2009-01-29
TCB001HQ TOSHIBA-TCB001HQ Datasheet
1Mb / 25P
   Maximum Power 45W BTL x 4-ch Audio Power IC
TA8276H TOSHIBA-TA8276H Datasheet
249Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TA8276HQ TOSHIBA-TA8276HQ Datasheet
258Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
TB2913HQ TOSHIBA-TB2913HQ Datasheet
328Kb / 15P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2932HQ TOSHIBA-TB2932HQ Datasheet
436Kb / 37P
   Maximum Power 49 W BTL 횞 4-ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com