Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALS09 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74ALS09
Description  Quad 2-Input AND Gate with Open Collector Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALS09 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ALS09 Datasheet HTML 1Page - Fairchild Semiconductor 74ALS09 Datasheet HTML 2Page - Fairchild Semiconductor 74ALS09 Datasheet HTML 3Page - Fairchild Semiconductor 74ALS09 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range.
Supply Voltage
7V
Input Voltage
7V
HIGH Level Output Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
86.5
°C/W
M Package
116.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage
5.5
V
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
IOH
HIGH Level Output Current
VCC = 4.5V, VOH = 5.5V
100
µA
VOL
LOW Level
VCC = 4.5V
IOL =4 mA
0.25
0.4
V
Output Voltage
IOL = 8 mA
0.35
0.5
V
II
Input Current @ Max
VCC = 5.5V, VIH = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
1.3
2.4
mA
Outputs LOW
2.2
4
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
23
54
ns
LOW-to-HIGH Level Output
RL = 2 kΩ, CL = 50 pF
tPHL
Propagation Delay Time
515
ns
HIGH-to-LOW Level Output


Similar Part No. - 74ALS09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALS09 TI-74ALS09 Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - 74ALS09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S03 FAIRCHILD-DM74S03 Datasheet
31Kb / 3P
   Quad 2-Input NAND Gate with Open-Collector Outputs
DM74ALS03B FAIRCHILD-DM74ALS03B Datasheet
48Kb / 4P
   Quad 2-Input NAND Gate with Open Collector Outputs
logo
National Semiconductor ...
54LS266 NSC-54LS266 Datasheet
54Kb / 2P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE WITH OPEN-COLLECTOR OUTPUTS
DM74LS136 NSC-DM74LS136 Datasheet
91Kb / 4P
   Quad 2-Input Exclusive-OR Gate with Open-Collector Outputs
logo
Fairchild Semiconductor
DM74LS136 FAIRCHILD-DM74LS136 Datasheet
44Kb / 4P
   Quad 2-Input Exclusive-OR Gate with Open-Collector Outputs
logo
National Semiconductor ...
5409 NSC-5409 Datasheet
93Kb / 4P
   Quad 2-Input AND Gates with Open-Collector Outputs
54LS136 NSC-54LS136 Datasheet
52Kb / 2P
   QUAD 2-INPUT EXCLUSIVE-OR GATE WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS266 FAIRCHILD-DM74LS266 Datasheet
45Kb / 4P
   Quad 2-Input Exclusive-NOR Gate with Open-Collector Outputs
logo
National Semiconductor ...
54LS09 NSC-54LS09 Datasheet
61Kb / 2P
   QUAD 2-INPUT AND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS09 FAIRCHILD-DM74LS09 Datasheet
47Kb / 4P
   Quad 2-Input AND Gates with Open-Collector Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com