Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q128FVSIG Datasheet(PDF) 19 Page - Winbond

Part # W25Q128FVSIG
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVSIG Datasheet(HTML) 19 Page - Winbond

Back Button W25Q128FVSIG Datasheet HTML 15Page - Winbond W25Q128FVSIG Datasheet HTML 16Page - Winbond W25Q128FVSIG Datasheet HTML 17Page - Winbond W25Q128FVSIG Datasheet HTML 18Page - Winbond W25Q128FVSIG Datasheet HTML 19Page - Winbond W25Q128FVSIG Datasheet HTML 20Page - Winbond W25Q128FVSIG Datasheet HTML 21Page - Winbond W25Q128FVSIG Datasheet HTML 22Page - Winbond W25Q128FVSIG Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 18 -
Revision D
Figure 4b. Status Register-2
7.1.8
Erase/Program Suspend Status (SUS) – Status Only
The Suspend Status bit is a read only bit in the status register (S15) that is set to 1 after executing a
Erase/Program Suspend (75h) instruction. The SUS status bit is cleared to 0 by Erase/Program Resume
(7Ah) instruction as well as a power-down, power-up cycle.
7.1.9
Security Register Lock Bits (LB3, LB2, LB1) – Volatile/Non-Volatile OTP Writable
The Security Register Lock Bits (LB3, LB2, LB1) are non-volatile One Time Program (OTP) bits in Status
Register (S13, S12, S11) that provide the write protect control and status to the Security Registers. The
default state of LB3-1 is 0, Security Registers are unlocked. LB3-1 can be set to 1 individually using the
Write Status Register instruction. LB3-1 are One Time Programmable (OTP), once it’s set to 1, the
corresponding 256-Byte Security Register will become read-only permanently.
7.1.10 Quad Enable (QE) – Volatile/Non-Volatile Writable
The Quad Enable (QE) bit is a non-volatile read/write bit in the status register (S9) that allows Quad SPI
and QPI operation. When the QE bit is set to a 0 state (factory default), the /WP pin and /HOLD are
enabled. When the QE bit is set to a 1, the Quad IO2 and IO3 pins are enabled, and /WP and /HOLD
functions are disabled.
QE bit is required to be set to a 1 before issuing an “Enter QPI (38h)” to switch the device from
Standard/Dual/Quad SPI to QPI, otherwise the command will be ignored. When the device is in QPI mode,
QE bit will remain to be 1. A “Write Status Register” command in QPI mode cannot change QE bit from a
“1” to a “0”.
WARNING: If the /WP or /HOLD pins are tied directly to the power supply or ground during
standard SPI or Dual SPI operation, the QE bit should never be set to a 1.


Similar Part No. - W25Q128FVSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q128FVSIG WINBOND-W25Q128FVSIG Datasheet
1Mb / 97P
   SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVSIG WINBOND-W25Q128FVSIG Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q128FVSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
logo
Shenzhen Huazhimei Semi...
HM25Q128A HMSEMI-HM25Q128A Datasheet
8Mb / 74P
   3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
logo
Winbond
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q257FVEIF-TR WINBOND-W25Q257FVEIF-TR Datasheet
1Mb / 104P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FVTBIG-TR WINBOND-W25Q32FVTBIG-TR Datasheet
2Mb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com