Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q128FVSIG Datasheet(PDF) 96 Page - Winbond

Part # W25Q128FVSIG
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVSIG Datasheet(HTML) 96 Page - Winbond

Back Button W25Q128FVSIG Datasheet HTML 89Page - Winbond W25Q128FVSIG Datasheet HTML 90Page - Winbond W25Q128FVSIG Datasheet HTML 91Page - Winbond W25Q128FVSIG Datasheet HTML 92Page - Winbond W25Q128FVSIG Datasheet HTML 93Page - Winbond W25Q128FVSIG Datasheet HTML 94Page - Winbond W25Q128FVSIG Datasheet HTML 95Page - Winbond W25Q128FVSIG Datasheet HTML 96Page - Winbond W25Q128FVSIG Datasheet HTML 97Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 96 / 97 page
background image
W25Q128FV
- 95 -
11.1 Valid Part Numbers and Top Side Marking
The following table provides the valid part numbers for the W25Q128FV SpiFlash Memory. Please contact
Winbond for specific availability by density and package type. Winbond SpiFlash memories use a 12-digit
Product Number for ordering. However, due to limited space, the Top Side Marking on all packages uses
an abbreviated 10-digit number.
PACKAGE TYPE
DENSITY
PRODUCT NUMBER
TOP SIDE MARKING
S
SOIC-8 208-mil
128M-bit
W25Q128FVSIG
W25Q128FVSIP
W25Q128FVSIQ
25Q128FVSG
25Q128FVSP
25Q128FVSQ
T
(1)
VSOP-8 208-mil
128M-bit
W25Q128FVTIG
W25Q128FVTIP
25Q128FVTG
25Q128FVTP
A
PDIP-8 300-mil
128M-bit
W25Q128FVAIG
W25Q128FVAIP
W25Q128FVAIQ
25Q128FVIG
25Q128FVIP
25Q128FVIQ
F
SOIC-16 300-mil
128M-bit
W25Q128FVFIG
W25Q128FVFIP
W25Q128FVFIQ
25Q128FVFG
25Q128FVFP
25Q128FVFQ
P
WSON-8 6x5-mm
128M-bit
W25Q128FVPIG
W25Q128FVPIP
W25Q128FVPIQ
25Q128FVPG
25Q128FVPP
25Q128FVPQ
E
WSON-8 8x6-mm
128M-bit
W25Q128FVEIG
W25Q128FVEIP
W25Q128FVEIQ
25Q128FVEG
25Q128FVEP
25Q128FVEQ
B
(1)
TFBGA-24 8x6-mm
(5x5 Ball Array)
128M-bit
W25Q128FVBIG
W25Q128FVBIP
25Q128FVBG
25Q128FVBP
C
(1)
TFBGA-24 8x6-mm
(6x4 Ball Array)
128M-bit
W25Q128FVCIG
W25Q128FVCIP
25Q128FVCG
25Q128FVCP
Note:
1.
These package types are special order, please contact Winbond for more information.


Similar Part No. - W25Q128FVSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q128FVSIG WINBOND-W25Q128FVSIG Datasheet
1Mb / 97P
   SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVSIG WINBOND-W25Q128FVSIG Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q128FVSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
logo
Shenzhen Huazhimei Semi...
HM25Q128A HMSEMI-HM25Q128A Datasheet
8Mb / 74P
   3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
logo
Winbond
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q257FVEIF-TR WINBOND-W25Q257FVEIF-TR Datasheet
1Mb / 104P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FVTBIG-TR WINBOND-W25Q32FVTBIG-TR Datasheet
2Mb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com