Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


W25Q128FVSIG Datasheet(PDF) 43 Page - Winbond

Part No. W25Q128FVSIG
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

 43 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 42 -
Revision D
Fast Read Quad I/O (EBh) in QPI Mode
The Fast Read Quad I/O instruction is also supported in QPI mode, as shown in Figure 19c. When QPI
mode is enabled, the number of dummy clocks is configured by the “Set Read Parameters (C0h)”
instruction to accommodate a wide range of applications with different needs for either maximum Fast
Read frequency or minimum data access latency. Depending on the Read Parameter Bits P[5:4] setting,
the number of dummy clocks can be configured as either 2, 4, 6 or 8. The default number of dummy
clocks upon power up or after a Reset instruction is 2. In QPI mode, the “Continuous Read Mode” bits M7-
0 are also considered as dummy clocks. In the default setting, the data output will follow the Continuous
Read Mode bits immediately.
“Continuous Read Mode” feature is also available in QPI mode for Fast Read Quad I/O instruction. Please
refer to the description on previous pages.
“Wrap Around” feature is not available in QPI mode for Fast Read Quad I/O instruction. To perform a read
operation with fixed data length wrap around in QPI mode, a dedicated “Burst Read with Wrap” (0Ch)
instruction must be used. Please refer to 8.2.45 for details.
M7-0
*
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
EBh
2
3
4
5
20
16
12
8
21
17
22
18
23
19
13
9
14
10
15
11
A23-16
6
7
8
9
4
0
5
1
6
2
7
3
A15-8
A7-0
Byte 1
Byte 2
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
10
11
12
13
14
4
5
6
7
IOs switch from
Input to Output
* "Set Read Parameters" instruction (C0h) can
set the number of dummy clocks.
Byte 3
Instruction
Figure 24c. Fast Read Quad I/O Instruction (Initial instruction or previous M5-4
10, QPI Mode)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl