Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM7476 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. DM7476
Description  Dual Master-Slave J-K Flip-Flops with Clear, Preset, and Complementary Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

DM7476 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 3: TA = 25°C and VCC = 5V.
Note 4: The symbol (
↑, ↓) indicates the edge of the clock pulse is used for reference (↑) for rising edge, (↓) for falling edge.
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 5: All typicals are at VCC = 5V, TA = 25°C.
Note 6: Clear is measured with preset HIGH and preset is measured with clear HIGH.
Note 7: Not more than one output should be shorted at a time.
Note 8: With all outputs OPEN, ICC is measured with the Q and Q outputs HIGH in turn. At the time of measurement the clock input is grounded.
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
16
mA
fCLK
Clock Frequency (Note 3)
0
15
MHz
tW
Pulse Width
Clock HIGH
20
(Note 3)
Clock LOW
47
ns
Preset LOW
25
Clear LOW
25
tSU
Input Setup Time (Note 3)(Note 4)
0
ns
tH
Input Hold Time (Note 3)(Note 4)
0
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 5)
VI
Input Clamp Voltage
VCC = Min, II = −12 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.4
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.2
0.4
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level
VCC = Max
J, K
40
Input Current
VI = 2.4V
Clock
80
µA
Clear
80
Preset
80
IIL
LOW Level
VCC = Max
J, K
−1.6
Input Current
VI = 0.4V
Clock
−3.2
mA
(Note 6)
Clear
−3.2
Preset
−3.2
IOS
Short Circuit Output Current
VCC = Max (Note 7)
−18
−55
mA
ICC
Supply Current
VCC = Max (Note 8)
18
34
mA


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn