Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7446A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 7446A
Description  BCD to 7-Segment Decoders/Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

7446A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  7446A Datasheet HTML 1Page - Fairchild Semiconductor 7446A Datasheet HTML 2Page - Fairchild Semiconductor 7446A Datasheet HTML 3Page - Fairchild Semiconductor 7446A Datasheet HTML 4Page - Fairchild Semiconductor 7446A Datasheet HTML 5Page - Fairchild Semiconductor 7446A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 6)
Note 6: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
DM7446A
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage (a thru g)
30
V
IOH
HIGH Level Output Current (BI/RBO)
−0.2
µA
IOL
LOW Level Output Current (a thru g)
40
mA
IOL
LOW Level Output Current (BI/RBO)
8
mA
TA
Free Air Operating Temperature
0
70
°C
DM7447A
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage (a thru g)
15
V
IOH
HIGH Level Output Current (BI/RBO)
−0.2
µA
IOL
LOW Level Output Current (a thru g)
40
mA
IOL
LOW Level Output Current (BI/RBO)
8
mA
TA
Free Air Operating Temperature
0
70
°C


Similar Part No. - 7446A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
7446A TI-7446A Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
National Semiconductor ...
7446A NSC-7446A Datasheet
118Kb / 6P
   BCD to 7-Segment Decoders/Drivers
More results

Similar Description - 7446A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
   BCD to 7-Segment Decoders/Drivers
logo
National Semiconductor ...
DM7446A NSC-DM7446A Datasheet
118Kb / 6P
   BCD to 7-Segment Decoders/Drivers
logo
Texas Instruments
SN54246 TI-SN54246 Datasheet
423Kb / 11P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Motorola, Inc
SN54LS247 MOTOROLA-SN54LS247 Datasheet
280Kb / 8P
   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Texas Instruments
SN54LS347 TI-SN54LS347 Datasheet
178Kb / 3P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS247NE4 TI1-SN74LS247NE4 Datasheet
931Kb / 12P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN5446A TI1-SN5446A_15 Datasheet
1Mb / 26P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN7447ANE4 TI1-SN7447ANE4 Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
74LS47DE4 TI1-74LS47DE4 Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS47DR TI1-SN74LS47DR Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com