Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7835ASZ-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD7835ASZ-REEL
Description  LC2MOS Quad 14-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7835ASZ-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7835ASZ-REEL Datasheet HTML 6Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 7Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 8Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 9Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 10Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 11Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 12Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 13Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7834/AD7835
Rev. D | Page 10 of 28
Pin No.
MQFP
Pin No. PLCC
Pin Mnemonic
Description
16 to 29
22 to 35
DB0 to DB13
Parallel Data Inputs. The AD7835 can accept a straight 14-bit parallel word on DB0 to
DB13, where DB13 is the MSB and the BYSHF input is hardwired to a logic high.
Alternatively for byte loading, the bottom eight data inputs, DB0 to DB7, are used for
data loading, and the top six data inputs, DB8 to DB13, should be hardwired to a logic
low. The BYSHF control input selects whether 8 LSBs or 6 MSBs of data are being loaded
into the device.
32
38
DSGB
Device Sense Ground B Input. Used in conjunction with the CLR input for power-on
protection of the DACs. When CLR is low, DAC outputs VOUT3 and VOUT4 are forced to the
potential on the DSGB pin.
36, 35
42, 41
VREF(+)B, VREF(−)B
Reference Inputs for DACs 3 and 4. These reference voltages are referred to AGND.
38
44
AGND
Analog Ground.
39
1
VDD
Positive Analog Power Supply: 15 V ± 5% or 12 V ± 5%.
40
2
VSS
Negative Analog Power Supply: −15 V ± 5% or −12 V ± 5%.
42, 43
4, 5
VREF(+)A, VREF(−)A
Reference Inputs for DAC 1 and DAC 2. These reference voltages are referred to AGND.


Similar Part No. - AD7835ASZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7835AS AD-AD7835AS Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results

Similar Description - AD7835ASZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7834 AD-AD7834_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com