Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7747ARUZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7747ARUZ
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7747ARUZ Datasheet(HTML) 3 Page - Analog Devices

  AD7747ARUZ Datasheet HTML 1Page - Analog Devices AD7747ARUZ Datasheet HTML 2Page - Analog Devices AD7747ARUZ Datasheet HTML 3Page - Analog Devices AD7747ARUZ Datasheet HTML 4Page - Analog Devices AD7747ARUZ Datasheet HTML 5Page - Analog Devices AD7747ARUZ Datasheet HTML 6Page - Analog Devices AD7747ARUZ Datasheet HTML 7Page - Analog Devices AD7747ARUZ Datasheet HTML 8Page - Analog Devices AD7747ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7747
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VDD = 2.7 V to 3.6 V or 4.75 V to 5.25 V; GND = 0 V; EXC = ±VDD × 3/8; −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CAPACITIVE INPUT
Conversion Input Range
±8.192
pF1
Factory calibrated
Integral Nonlinearity (INL)2
±0.01
% of FSR1
No Missing Codes2
24
Bit
Conversion time ≥ 124 ms
Resolution, p-p
16.5
Bit
Conversion time 124 ms, see Table 5
Resolution Effective
19.1
Bit
Conversion time 124 ms, see Table 5
Output Noise, rms
11.0
aF/
√Hz
Conversion time 124 ms, see Table 5
Absolute Error3
±10
fF1
25°C, VDD = 5 V, after offset calibration
Offset Error4, 5
32
aF1
After system offset calibration,
excluding effect of noise4
System Offset Calibration Range5
±1
pF
Offset Deviation over Temperature2
0.4
fF
See Figure 6
Gain Error6
0.02
0.11
% of FS1
25°C, VDD = 5 V
Gain Drift vs. Temperature2
−23
−26
−29
ppm of FS/°C
Power Supply Rejection2
0.5
4
fF/V
Normal Mode Rejection5
72
dB
50 Hz ± 1%, conversion time 124 ms
60
dB
60 Hz ± 1%, conversion time 124 ms
CAPDAC
Full Range
17
21
pF
6-bit CAPDAC
Differential Nonlinearity (DNL)
0.3
LSB
See Figure 16
Drift vs. Temperature2
26
ppm of FS/°C
EXCITATION
Frequency
16
kHz
AC Voltage Across Capacitance
±VDD × 3/8
V
To be configured via digital interface
Average DC Voltage Across Capacitance
VDD/2
V
TEMPERATURE SENSOR7
VREF internal
Resolution
0.1
°C
Error2
±0.5
±2
°C
Internal temperature sensor
±2
°C
External sensing diode8
VOLTAGE INPUT7
VREF internal or VREF = 2.5 V
Differential VIN Voltage Range
±VREF
V
Absolute VIN Voltage2
GND − 0.03
VDD + 0.03
V
Integral Nonlinearity (INL)
±3
±15
ppm of FS
No Missing Codes2
24
Bit
Conversion time = 122.1 ms
Resolution, p-p
16
Bits
Conversion time = 62 ms,
see Table 6 and Table 7
Output Noise
3
μV rms
Conversion time = 62 ms,
see Table 6 and Table 7
Offset Error
±3
μV
Offset Drift vs. Temperature
15
nV/°C
Full-Scale Error2, 9
0.025
0.1
% of FS
Full-Scale Drift vs. Temperature
5
ppm of FS/°C
Internal reference
0.5
ppm of FS/°C
External reference
Average VIN Input Current
300
nA/V
Analog VIN Input Current Drift
±50
pA/V/°C
Power Supply Rejection
80
dB
Internal reference, VIN = VREF/2
90
dB
External reference, VIN = VREF/2


Similar Part No. - AD7747ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7747ARUZ AD-AD7747ARUZ Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
AD7747ARUZ-REEL AD-AD7747ARUZ-REEL Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
AD7747ARUZ-REEL7 AD-AD7747ARUZ-REEL7 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
More results

Similar Description - AD7747ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
   24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com