Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7683BRMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7683BRMZ
Description  16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683BRMZ Datasheet(HTML) 1 Page - Analog Devices

  AD7683BRMZ Datasheet HTML 1Page - Analog Devices AD7683BRMZ Datasheet HTML 2Page - Analog Devices AD7683BRMZ Datasheet HTML 3Page - Analog Devices AD7683BRMZ Datasheet HTML 4Page - Analog Devices AD7683BRMZ Datasheet HTML 5Page - Analog Devices AD7683BRMZ Datasheet HTML 6Page - Analog Devices AD7683BRMZ Datasheet HTML 7Page - Analog Devices AD7683BRMZ Datasheet HTML 8Page - Analog Devices AD7683BRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16-Bit, 100 kSPS, Single-Ended
PulSAR ADC in MSOP/QFN
AD7683
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2008 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit resolution with no missing codes
Throughput: 100 kSPS
INL: ±1 LSB typical, ±3 LSB maximum
Pseudo differential analog input range
0 V to VREF with VREF up to VDD
Single-supply operation: 2.7 V to 5.5 V
Serial interface SPI/QSPI/MICROWIRE/DSP compatible
Power dissipation: 4 mW @ 5 V, 1.5 mW @ 2.7 V,
150 μW @ 2.7 V/10 kSPS
Standby current: 1 nA
8-lead packages:
MSOP
3 mm × 3 mm QFN (LFCSP) (SOT-23 size)
Improved second source to ADS8320 and ADS8325
APPLICATIONS
Battery-powered equipment
Data acquisition
Instrumentation
Medical instruments
Process control
APPLICATION DIAGRAM
AD7683
REF
GND
VDD
+IN
–IN
DCLOCK
DOUT
CS
3-WIRE SPI
INTERFACE
0.5V TO VDD 2.7V TO 5.5V
0V TO VREF
Figure 1.
Table 1. MSOP, QFN (LFCSP)/SOT-23, 14-/16-/18-Bit
PulSAR ADC
Type
100
kSPS
250
kSPS
400 kSPS
to
500 kSPS
≥1000
kSPS
ADC
Driver
18-Bit True
Differential
AD7691
AD7690
AD7982
AD7984
ADA4941
ADA4841
16-Bit True
Differential
AD7684
AD7687
AD7688
AD7693
ADA4941
ADA4841
16-Bit Pseudo
Differential
AD7680
AD7683
AD7685
AD7694
AD7686
AD7980
ADA4841
14-Bit Pseudo
Differential
AD7940
AD7942
AD7946
ADA4841
GENERAL DESCRIPTION
The AD7683 is a 16-bit, charge redistribution, successive
approximation, PulSAR® analog-to-digital converter (ADC)
that operates from a single power supply, VDD, between 2.7 V
and 5.5 V. It contains a low power, high speed, 16-bit sampling
ADC with no missing codes (B grade), an internal conversion
clock, and a serial, SPI-compatible interface port. The part also
contains a low noise, wide bandwidth, short aperture delay,
track-and-hold circuit. On the CS falling edge, it samples an
analog input, +IN, between 0 V to REF with respect to a ground
sense, –IN. The reference voltage, REF, is applied externally and
can be set up to the supply voltage. Its power scales linearly with
throughput.
The AD7683 is housed in an 8-lead MSOP or an 8-lead QFN
(LFCSP) package, with an operating temperature specified from
−40°C to +85°C.


Similar Part No. - AD7683BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7683BRMZ AD-AD7683BRMZ Datasheet
470Kb / 17P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
AD7683BRMZRL7 AD-AD7683BRMZRL7 Datasheet
470Kb / 17P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
More results

Similar Description - AD7683BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7683ARMZ AD-AD7683ARMZ Datasheet
404Kb / 16P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
REV. A
AD7683 AD-AD7683_17 Datasheet
470Kb / 17P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
AD7684 AD-AD7684 Datasheet
452Kb / 16P
   16-Bit, 100 kSPS PulSAR Differential ADC in MSOP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com