Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES06S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ES06S
Description  2.0 Ampere Superfast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ES06S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ES06S Datasheet HTML 1Page - Fairchild Semiconductor ES06S Datasheet HTML 2Page - Fairchild Semiconductor ES06S Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ES2A-ES2D, Rev. A
Typical Characteristics
Pulse
Generator
(Note 2)
50
NONINDUCTIVE
50
NONINDUCTIVE
DUT
(-)
(+)
OSCILLOSCOPE
(Note 1)
50
NONINDUCTIVE
50V
(approx)
NOTES:
1. Rise time = 7.0 ns max; Input impedance = 1.0 megaohm 22 pf.
2. Rise time = 10 ns max; Source impedance = 50 ohms.
Reverse Recovery Time Characterstic and Test Circuit Diagram
1.0cm
SET TIME BASE FOR
trr
+0.5A
0
-0.25A
-1.0A
5/ 10 ns/ cm
Reverse Characteristics
0
20406080
100
120
140
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
º
A
T = 100 C
º
A
T = 75 C
º
A
Forward Current Derating Curve
0
25
50
75
100
125
150
175
0
0.5
1
1.5
2
2.5
AMBIENT TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.0mm) LEAD
LENGTHS
Forward Characteristics
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.01
0.1
1
10
50
FORWARD VOLTAGE (V)
Pulse Width = 300
µs
2% Duty Cycle
T = 25 C
º
A
Non-Repetitive Surge Current
12
5
10
20
50
100
0
10
20
30
40
50
60
NUMBER OF CYCLES AT 60Hz
Junction Capacitance
0.1
0.5
1
5
10 20
50 100
500
0
10
20
30
40
50
60
REVERSE VOLTAGE (V)


Similar Part No. - ES06S

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ES0011 MICRONETICS-ES0011 Datasheet
159Kb / 2P
   High Power Switch 2 GHz to 4 GHz
ES0012 MICRONETICS-ES0012 Datasheet
158Kb / 2P
   High Power Switch 4 GHz to 8 GHz
ES0013 MICRONETICS-ES0013 Datasheet
158Kb / 2P
   High Power Switch 8 GHz to 18 GHz
ES0074-1 MICRONETICS-ES0074-1 Datasheet
123Kb / 2P
   High Power Switch 1025 MHz to 1035 MHz
logo
Sanken electric
ES01 SANKEN-ES01 Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
More results

Similar Description - ES06S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ES1A FAIRCHILD-ES1A Datasheet
50Kb / 3P
   1.0 Ampere Superfast Rectifiers
logo
Bytesonic Electronics C...
ER300 BYTESONIC-ER300 Datasheet
146Kb / 2P
   3.0 Ampere SUPERFAST RECOVERY RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M_00 Datasheet
87Kb / 4P
   2.0 Ampere Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   2.0 Ampere Bridge Rectifiers
SS22 FAIRCHILD-SS22 Datasheet
41Kb / 3P
   2.0 Ampere Schottky Barrier Rectifiers
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
EGP20A- FAIRCHILD-EGP20A- Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20A FAIRCHILD-EGP20A_07 Datasheet
151Kb / 4P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Yea Shin Technology Co....
ES2A YEASHIN-ES2A Datasheet
472Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
E2A YEASHIN-E2A Datasheet
138Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com