Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL207G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # RL207G
Description  Glass Passivated Junction General Purpose Rectifiers Reverse Voltage 50 to 1000V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RL207G Datasheet(HTML) 4 Page - Leshan Radio Company

  RL207G Datasheet HTML 1Page - Leshan Radio Company RL207G Datasheet HTML 2Page - Leshan Radio Company RL207G Datasheet HTML 3Page - Leshan Radio Company RL207G Datasheet HTML 4Page - Leshan Radio Company RL207G Datasheet HTML 5Page - Leshan Radio Company RL207G Datasheet HTML 6Page - Leshan Radio Company RL207G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
标题:
1.1. 弹带盒规格 ammo spec.
单位:mm
L
WH
T52
262
±2
76
±2
90
±2
T42
262
±2
64
±2
90
±2
T26
250
±3
45
±3
95
±3
1.2 弹带内盒要求 inner box spec.
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
1 弹带盒装 ammo and box
1
LRC标签
label
ROHS标签
label


Similar Part No. - RL207G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL207G RECTRON-RL207G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Shanghai Shunye Electro...
RL207G SY-RL207G Datasheet
1,021Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
RL207G CHONGQING-RL207G Datasheet
178Kb / 1P
   2.0AMPS .GLASS PASSIVATED RECTIFIERS
logo
Jinan Gude Electronic D...
RL207G JGD-RL207G Datasheet
128Kb / 2P
   2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
Rugao Dachang Electroni...
RL207G DACHANG-RL207G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
More results

Similar Description - RL207G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RL151G LRC-RL151G_11 Datasheet
176Kb / 7P
   Glass Passivated Junction General Purpose Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
S3A LRC-S3A Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
logo
Gulf Semiconductor
1N5391G GULFSEMI-1N5391G Datasheet
76Kb / 2P
   GENERAL PURPOSE GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
logo
Leshan Radio Company
RGP20MA LRC-RGP20MA Datasheet
493Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RGP30MA LRC-RGP30MA Datasheet
448Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
FMAF407 LRC-FMAF407 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
S2A LRC-S2A Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RGP10MA LRC-RGP10MA Datasheet
176Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SOD4007T-SH LRC-SOD4007T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com