Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD2516 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # PSD2516
Description  High Current Glass Passivated Molding Three -Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

PSD2516 Datasheet(HTML) 1 Page - Leshan Radio Company

  PSD2516 Datasheet HTML 1Page - Leshan Radio Company PSD2516 Datasheet HTML 2Page - Leshan Radio Company PSD2516 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
PSD2508 Thru PSD2516
High Current Glass Passivated Molding Three -Phase Bridge Rectifier
Reverse Voltage 800 to 1600V
Forward Current 25A
FEATURES
l
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
l
High current capacity with small package
l
Glass passivated chip junctions
l
Superior thermal conductivity
l
High IFSM
1. Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Item
Symbol
PSD2508
PSD2512
PSD2514
PSD2516
Unit
Maximum repetitive voltage
VRM
800
1200
1400
1600
V
Maximum RMS Voltage
VRMS
560
840
980
1120
V
Maximum DC Blocking Voltage
VDC
800
1200
1400
1600
V
5
µA
Peak Reverse Current (per leg) @Tj = 25
°C
At Rated DC Blocking Voltage @Tj = 125
°C
IR
5.0
mA
Average recified forward current 60Hz sine
wave,R-load with heatsink Tc=62℃
Io
25
A
Non-Repetitive Peak Forward Surge Current
(No Voltage Reapplied t = 8.3ms at 60Hz)
(No Voltage Reapplied t = 10ms at 50Hz)
(100% VRRM Reapplied t = 8.3ms at 60Hz)
(100% VRRM Reapplied t = 8.3ms at 50Hz)
IFSM
400
380
400
360
A
RMS Isolation Voltage from Case to Lead
VISOL
2500
V
Max instantaneous forward voltage @12.5A/25℃
VF
1.05
V
Typical Thermal Resistance per Element
R
θJC
1.55
℃/W
I2t Rating for Fusing
I
2t
750
A
2sec
Operating junction temperature
Tj
-40~150
Storage temperature
Tstg
-40~150


Similar Part No. - PSD2516

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSD25 POWERSEM-PSD25 Datasheet
147Kb / 2P
   Three Phase Rectifier Bridges
logo
Inchange Semiconductor ...
PSD25-16 ISC-PSD25-16 Datasheet
339Kb / 3P
   Three Phase Rectifier Bridges
PSD25/16 ISC-PSD25/16 Datasheet
339Kb / 3P
   Three Phase Rectifier Bridges
More results

Similar Description - PSD2516

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SKBPC3508 YFWDIODE-SKBPC3508 Datasheet
419Kb / 3P
   High Current Glass Passivated Molding Three-Phase Bridge Rectifier
logo
Leshan Radio Company
DF30DB80 LRC-DF30DB80 Datasheet
423Kb / 3P
   High Current Glass Passivated Molding Three -Phase Bridge Rectifier
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com