Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74123 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74123
Description  Dual Retriggerable One-Shot with Clear and Complementary Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74123 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74123 Datasheet HTML 1Page - Fairchild Semiconductor 74123 Datasheet HTML 2Page - Fairchild Semiconductor 74123 Datasheet HTML 3Page - Fairchild Semiconductor 74123 Datasheet HTML 4Page - Fairchild Semiconductor 74123 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Operating Rules
1.
An external resistor (RX) and external capacitor (CX)
are required for proper operation. The value of CX may
vary from 0 to any necessary value. For small time con-
stants high-grade mica, glass, polypropylene, polycar-
bonate, or polystyrene material capacitors may be
used. For large time constants use tantalum or special
aluminum capacitors. If the timing capacitors have
leakages approaching 100 nA or if stray capacitance
from either terminal to ground is greater than 50 pF the
timing equations may not represent the pulse width the
device generates.
2.
When an electrolytic capacitor is used for CX a switch-
ing diode is often required for standard TTL one-shots
to prevent high inverse leakage current (Figure 1).
However, its use in general is not recommended with
retriggerable operation.
3.
The output pulse width (TW) for CX > 1000 pF is
defined as follows:
TW = K RX CX(1 + 0.7/RX)
1. where: [RX is in Kilo-ohm]
[CX is in pico Farad]
[TW is in nano second]
[K
≈ 0.28]
FIGURE 1.
4.
For CX < 1000 pF see Figure 2 for TW vs. CX
family curves with RX as a parameter:
Pulse Width vs. RX and CX
FIGURE 2.
5.
To obtain variable pulse width by remote trim-
ming, the following circuit is recommended:
Note: “Rremote” should be as close to the one-shot as possible.
FIGURE 3.
6.
The retriggerable pulse width is calculated as
shown below:
T
= T
W + tPLH = K× RX × CX + tPLH
The retriggered pulse width is equal to the
pulse width plus a delay time period (Figure
4).
FIGURE 4.
7.
Under any operating condition CX and RX
must be kept as close to the one-shot device
pins as possible to minimize stray capaci-
tance, to reduce noise pick-up, and to reduce
I
× R and Ldi/dt voltage developed along their
connecting paths. If the lead length from CX to
pins (6) and (7) or pins (14) and (15) is greater
than 3 cm, for example, the output pulse width
might be quite different from values predicted
from the appropriate equations. A non-induc-
tive and low capacitive path is necessary to
ensure complete discharge of CX in each
cycle of its operation so that the output pulse
width will be accurate.
8.
VCC and ground wiring should conform to
good high-frequency standards and practices
so that switching transients on the VCC and
ground return leads do not cause interaction
between one-shots. A 0.01
µF to 0.10 µF
bypass capacitor (disk ceramic or monolithic
type) from VCC to ground is necessary on
each device. Furthermore, the bypass capaci-
tor should be located as close to the VCC pin
as space permits.
Note: For further detailed device characteristics and output performance
please refer to the One-Shot Application Note, AN-366.


Similar Part No. - 74123

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74123 ETC2-74123 Datasheet
452Kb / 2P
   Phillips Bits
More results

Similar Description - 74123

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
   DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
   One-Shot with Clear and Complementary Outputs
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
   One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
54121 NSC-54121 Datasheet
128Kb / 6P
   One-Shot with Clear and Complementary Outputs
54123 NSC-54123 Datasheet
157Kb / 4P
   DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com