Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM7414 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. DM7414
Description  Hex Inverter with Schmitt Trigger Input
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM7414 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM7414 Datasheet HTML 1Page - Fairchild Semiconductor DM7414 Datasheet HTML 2Page - Fairchild Semiconductor DM7414 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: VCC = 5V
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 3: All typicals are at VCC = 5V, TA = 25°C.
Note 4: Not more than one output should be shorted at a time.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VT+
Positive-Going Input
1.5
1.7
2
V
Threshold Voltage (Note 2)
VT−
Negative-Going Input
0.6
0.9
1.1
V
Threshold Voltage (Note 2)
HYS
Input Hysteresis (Note 2)
0.4
0.8
V
IOH
High Level Output Current
−0.8
mA
IOL
Low Level Output Current
16
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 3)
VI
Input Clamp Voltage
VCC = Min, II = −12 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.4
3.4
V
Output Voltage
VI = VT−Min
VOL
LOW Level
VCC = Min, IOL = Max
0.2
0.4
V
Output Voltage
VI = VT+Max
IT+
Input Current at
VCC = 5V, VI = VT+
−0.43
mA
Positive-Going Threshold
IT−
Input Current at
VCC = 5V, VI = VT−
−0.56
mA
Negative-Going Threshold
II
Input Current @ Max
VCC = Max, VI = 5.5V
1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = Max, VI = 2.4V
40
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−1.2
mA
IOS
Short Circuit
VCC = Max
−18
−55
mA
Output Current
(Note 4)
ICCH
Supply Current with
VCC = Max
22
36
mA
Outputs HIGH
ICCL
Supply Current with
VCC = Max
39
60
mA
Outputs LOW
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
CL = 15 pF
22
ns
LOW-to-HIGH Level Output
RL = 400Ω
tPHL
Propagation Delay Time
22
ns
HIGH-to-LOW Level Output


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC14Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
54ACTQ14Quiet Series Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreNational Semiconductor (TI)
74LVX14Low Voltage Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ14Quiet Series Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
54AC14Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreNational Semiconductor (TI)
74LVQ14Low Voltage Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 Fairchild Semiconductor
DM5414Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 National Semiconductor (TI)
NC7WV14TinyLogic ULP-A Dual Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
MM74C914Hex Schmitt Trigger with Extended Input Voltage 1 2 3 4 5 Fairchild Semiconductor
DM74ALS14Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn