Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8558-12PRM Datasheet(PDF) 8 Page - Leshan Radio Company

Part # LR8558-12PRM
Description  Low noise, fast response 500mA LDO regulato
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8558-12PRM Datasheet(HTML) 8 Page - Leshan Radio Company

Back Button LR8558-12PRM Datasheet HTML 3Page - Leshan Radio Company LR8558-12PRM Datasheet HTML 4Page - Leshan Radio Company LR8558-12PRM Datasheet HTML 5Page - Leshan Radio Company LR8558-12PRM Datasheet HTML 6Page - Leshan Radio Company LR8558-12PRM Datasheet HTML 7Page - Leshan Radio Company LR8558-12PRM Datasheet HTML 8Page - Leshan Radio Company LR8558-12PRM Datasheet HTML 9Page - Leshan Radio Company LR8558-12PRM Datasheet HTML 10Page - Leshan Radio Company LR8558-12PRM Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
5) Line transient response
Iout=1mA Cout=1uF
Iout=50mA Cout=1uF
6) Load transient response
Vin=4.6V Cout=1uF
Vin=4.6V Cout=4.7uF
Vin=5.8V Cout=1uF
Vin=5.8V Cout=1uF
5V
Input Voltage
4V
5V
Input Voltage
4V
Output Voltage
Output Voltage
Output Voltage
Output Voltage
50mA
50mA
Output Current
Output Current
1mA
1mA
60mA
250mA
Output Current
Output Current
1mA
1mA
Output Voltage
Output Voltage
Leshan Radio Co ., Ltd
8/11


Similar Part No. - LR8558-12PRM

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results

Similar Description - LR8558-12PRM

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
   Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
   Low noise, fast response 500mA LDO regulator
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215 Datasheet
590Kb / 4P
   500mA Low Noise, High PSRR, Fast Transient Response LDO with Adjustable
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
   Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Leshan Radio Company
LR8563 LRC-LR8563_15 Datasheet
824Kb / 9P
   Low noise, fast response 300mA LDO regu lator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com