Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM7406 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. DM7406
Description  Hex Inverting Buffers with High Voltage Open-Collector Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

DM7406 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
5.5V
Output Voltage
30V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage
30
V
IOL
LOW Level Output Current
40
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −12 mA
−1.5
V
ICEX
HIGH Level
VCC = Min, VO = 30V
250
µA
Output Current
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max
0.7
Output Voltage
VIH = Min
V
IOL = 16 mA, VCC = Min
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.4V
40
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−1.6
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
30
48
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
27
51
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
CL = 15 pF
15
ns
LOW-to-HIGH Level Output
RL = 110Ω
tPHL
Propagation Delay Time
23
ns
HIGH-to-LOW Level Output


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn