Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8558-12PRN Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR8558-12PRN
Description  Low noise, fast response 500mA LDO regulato
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8558-12PRN Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LR8558-12PRN Datasheet HTML 3Page - Leshan Radio Company LR8558-12PRN Datasheet HTML 4Page - Leshan Radio Company LR8558-12PRN Datasheet HTML 5Page - Leshan Radio Company LR8558-12PRN Datasheet HTML 6Page - Leshan Radio Company LR8558-12PRN Datasheet HTML 7Page - Leshan Radio Company LR8558-12PRN Datasheet HTML 8Page - Leshan Radio Company LR8558-12PRN Datasheet HTML 9Page - Leshan Radio Company LR8558-12PRN Datasheet HTML 10Page - Leshan Radio Company LR8558-12PRN Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Performance Characteristics:
1) Output Voltage vs. Output Current (with output
short protection)
2) Output Voltage vs. Input Voltage
0
0.5
1
1.5
2
2.5
3
0
200
400
600
800
1000
1200
Iload(mA)
Vin=3.3V
Vin=3.8V
Vin=4.8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
02
4
6
8
10
Vin(V)
Iload=0
Iload=28mA
3) Dropout Voltage vs. Output Current
4) Ripple rejection vs. Frequency
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Freq(kHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
100
200
300
400
500
600
Iload(mA)
Vout=2.8V
Vout=1.8V
Leshan Radio Co ., Ltd
7/11


Similar Part No. - LR8558-12PRN

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results

Similar Description - LR8558-12PRN

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
   Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
   Low noise, fast response 500mA LDO regulator
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215 Datasheet
590Kb / 4P
   500mA Low Noise, High PSRR, Fast Transient Response LDO with Adjustable
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
   Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Leshan Radio Company
LR8563 LRC-LR8563_15 Datasheet
824Kb / 9P
   Low noise, fast response 300mA LDO regu lator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com