Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRB411DLT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LRB411DLT3G
Description  Schottky barrier diode Low current rectification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRB411DLT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LRB411DLT3G Datasheet HTML 1Page - Leshan Radio Company LRB411DLT3G Datasheet HTML 2Page - Leshan Radio Company LRB411DLT3G Datasheet HTML 3Page - Leshan Radio Company LRB411DLT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky barrier diode
LRB411DLT1G
Applications
Sym bol
Min.
Typ.
Max.
Unit
Conditions
VF1-
-
0.50
V
IF=500m A
VF2-
-
0.30
V
IF=10m A
Revers e current
IR1-
-
30
µA
VR=10V
Capacitance between term inal
Ct1
-
20
-
pF
VR=10V , f=1MHz
Param eter
Forwarad voltage
Low current rectification
Features
1) Small mold type. (SOT-23)
2) Low IR
3) High reliability.
Construction
Silicon epitaxial planar
Absolute maximum ratings (Ta = 25
°C)
Sym bol
Unit
VRM
V
VR
V
Io
m A
IFSM
A
Tj
Ts tg
Lim its
20
500
Param eter
Electrical characteristics (Ta = 25
°C)
Revers e voltage (DC)
verage rectified forward current
(*1)
evers e voltage (repetitive peak)
40
orward current s urge peak
(60Hz・1cyc)(*1)
3
unction tem perature
torage tem perature
*1) Rating of per diode
125
-40 to +125
R
A
F
J
S
(
LESHAN RADIO COMPANY, LTD.
LRB411DLT1G
1
3
2
SOT– 23
Device
Marking
Shipping
3000/Tape&Reel
10000/Tape&Reel
LRB411DLT1G
LRB411DLT3G
Device marking and ordering information
D3E
D3E
We declare that the material of product
compliance with RoHS requirements.
1
ANODE
3
CATHODE
Rev.O 1/4


Similar Part No. - LRB411DLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB411DLT1G LRC-LRB411DLT1G_15 Datasheet
675Kb / 4P
   Schottky barrier diode
More results

Similar Description - LRB411DLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB520CS-30T5G LRC-LRB520CS-30T5G Datasheet
333Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB521CS-30T5G LRC-LRB521CS-30T5G Datasheet
290Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB751CS-40T5G LRC-LRB751CS-40T5G Datasheet
360Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB425LT1G LRC-LRB425LT1G Datasheet
89Kb / 3P
   Schottky barrier diode Low power rectification
LRB491DLT1G LRC-LRB491DLT1G Datasheet
182Kb / 3P
   Schottky barrier diode Low-power rectification
LRB421LT1G LRC-LRB421LT1G Datasheet
253Kb / 4P
   Schottky barrier diode Low power rectification
LRB520S-30T1G LRC-LRB520S-30T1G_11 Datasheet
507Kb / 3P
   SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
LRB521S-40T1G LRC-LRB521S-40T1G Datasheet
614Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
LRB521S-30T1G LRC-LRB521S-30T1G Datasheet
453Kb / 3P
   SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
LRB500V-40T1G LRC-LRB500V-40T1G_11 Datasheet
73Kb / 3P
   Surface Mount Schottky Diode Low current rectification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com