Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8555-21PQ Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR8555-21PQ
Description  Low noise 150mA LDO regulator Standby Mode : 0.1
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8555-21PQ Datasheet(HTML) 6 Page - Leshan Radio Company

  LR8555-21PQ Datasheet HTML 1Page - Leshan Radio Company LR8555-21PQ Datasheet HTML 2Page - Leshan Radio Company LR8555-21PQ Datasheet HTML 3Page - Leshan Radio Company LR8555-21PQ Datasheet HTML 4Page - Leshan Radio Company LR8555-21PQ Datasheet HTML 5Page - Leshan Radio Company LR8555-21PQ Datasheet HTML 6Page - Leshan Radio Company LR8555-21PQ Datasheet HTML 7Page - Leshan Radio Company LR8555-21PQ Datasheet HTML 8Page - Leshan Radio Company LR8555-21PQ Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical Performance Characterilticl
1) Output Voltage vl. Output Current (with
output lhort protection)
2) Output Voltage vl. Input Voltage
3) Dropout Voltage vl. Output Current
4) Supply Cur rent vl. Input Voltage
LR8555-1.8V
LR8555-1.8V
LESHAN RADIO COMPANY, LTD.
LESHAN RADIO COMPANY, LTD.
6/9
LR8555-1.8


Similar Part No. - LR8555-21PQ

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558-12PRM LRC-LR8558-12PRM Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558-12PRN LRC-LR8558-12PRN Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558-12PSA LRC-LR8558-12PSA Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results

Similar Description - LR8555-21PQ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com