Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8555-25PRB Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR8555-25PRB
Description  Low noise 150mA LDO regulator Standby Mode : 0.1
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8555-25PRB Datasheet(HTML) 3 Page - Leshan Radio Company

  LR8555-25PRB Datasheet HTML 1Page - Leshan Radio Company LR8555-25PRB Datasheet HTML 2Page - Leshan Radio Company LR8555-25PRB Datasheet HTML 3Page - Leshan Radio Company LR8555-25PRB Datasheet HTML 4Page - Leshan Radio Company LR8555-25PRB Datasheet HTML 5Page - Leshan Radio Company LR8555-25PRB Datasheet HTML 6Page - Leshan Radio Company LR8555-25PRB Datasheet HTML 7Page - Leshan Radio Company LR8555-25PRB Datasheet HTML 8Page - Leshan Radio Company LR8555-25PRB Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product Marking information:
Block Diagram
LESHAN RADIO COMPANY, LTD.
LESHAN RADIO COMPANY, LTD.
3/9
12
3
54
SC70-5
12
3
54
SOT23-5A
12
3
54
SOT23-5B
Output current & EN availability
Output voltage
Year of manufacturing
Week of mannufacturing
For example:
LR8555 with output current 150mA,SOT23-5
package with an EN pin its position
is c
The year of manufacturing: "5" stands for year 2005,
"6" stands for year 2006,and " 0 " for year 2010.
Code
Iout
EN
Code
Iout
EN
A
50mA
No
A
50mA
Yes
B
100mA
No
B
100mA
Yes
C
150mA
No
C
150mA
Yes
D
200mA
No
D
200mA
Yes
E
250mA
No
E
250mA
Yes
F
300mA
No
F
300mA
Yes
G
350mA
No
G
350mA
Yes
H
400mA
No
H
400mA
Yes
I
450mA
No
I
450mA
Yes
J
500mA
No
J
500mA
Yes
Code Week of Mfg Code Week of Mfg Code Week of Mfg Code Week of Mfg Code Week of Mfg
A1
L
12
W
23
H
34
S
45
B2
M
13
X
24
I
35
T
46
C3N
14
Y
25
J
36
U
47
D4
O
15
Z
26
K
37
V
48
E5P
16
A
27
L
38
W
49
F6
Q
17
B
28
M
39
X
50
G7
R
18
C
29
N
40
Y
51
H8
S
19
D
30
O
41
Z
52
I9
T
20
E
31
P
42
J10
U
21
F
32
Q
43
K11
V
22
G
33
R
44
Code
Vout
Code
Iout
Code
Iout
2
1.2V
7
2.7V
2
4.2V
3
1.3V
8
2.8V
3
4.3V
4
1.4V
9
2.9V
4
4.4V
5
1.5V
0
3.0V
5
4.5V
6
1.6V
1
3.1V
6
4.6V
7
1.7V
2
3.2V
7
4.7V
8
1.8V
3
3.3V
8
4.8V
9
1.9V
4
3.4V
9
4.9V
0
2.0V
5
3.5V
0
5.0V
1
2.1V
6
3.6V
2
2.2V
7
3.7V
3
2.3V
8
3.8V
4
2.4V
9
3.9V
5
2.5V
0
4.0V
6
2.6V
1
4.1V
+
-
CE
V DD
VOUT
GND
Vref
Current Limit


Similar Part No. - LR8555-25PRB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558-12PRM LRC-LR8558-12PRM Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558-12PRN LRC-LR8558-12PRN Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558-12PSA LRC-LR8558-12PSA Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results

Similar Description - LR8555-25PRB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com