Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8558-30PSA Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR8558-30PSA
Description  Low noise, fast response 500mA LDO regulato
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8558-30PSA Datasheet(HTML) 1 Page - Leshan Radio Company

  LR8558-30PSA Datasheet HTML 1Page - Leshan Radio Company LR8558-30PSA Datasheet HTML 2Page - Leshan Radio Company LR8558-30PSA Datasheet HTML 3Page - Leshan Radio Company LR8558-30PSA Datasheet HTML 4Page - Leshan Radio Company LR8558-30PSA Datasheet HTML 5Page - Leshan Radio Company LR8558-30PSA Datasheet HTML 6Page - Leshan Radio Company LR8558-30PSA Datasheet HTML 7Page - Leshan Radio Company LR8558-30PSA Datasheet HTML 8Page - Leshan Radio Company LR8558-30PSA Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Low noise, fast response 500mA LDO regulator
LR8558
General Description:
LR8558 series is a group of positive
voltage output, low power consumption, low
dropout voltage regulator.
LR8558 can provide output value in the
range of 1.2V~4.5V every 0.1V step. It also
can be customized on command.
LR8558 includes high accuracy voltage
reference, error amplifier, current limit circuit
and output driver module with discharge
capability.
LR8558 has excellent load and line
transient response and good temperature
characteristics, which can assure the stability
of chip and power system. And it uses
trimming technique to guarantee output
voltage accuracy within±2%.
LR8558 is available in SOT-23-5, SC-82
packages which is lead free. It also can
available in these packages with lead.
Features:
Low Power Consumption: 75uA(Typ.)
Low output noise (47uVRMS)
Standby Mode: 0.1uA
Low dropout Voltage: 0.46V@500mA (Typ.)
High Ripple Rejection: 66dB@100Hz (Typ.)
Low Temperature Coefficient: ±100ppm/
°C
Excellent Line regulation: 0.05%/V
Build-in chip enable and discharge circuit
Output Voltage Range: 1.2V~4.5V
(customized on command every 0.1V step)
Highly Accurate: ±2% (±1% customized)
Output Current Limit
Applications:
Power source for cellular phones and
various kind of PCSs
Battery Powered equipment
Power Management of MP3, PDA, DSC,
Mouse, PS2 Games
Reference Voltage Source
Regulation after Switching Power
L 8558-2.8V Output
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
0
200
400
600
Iload(mA)
L8558 Ty pical Performance
Characteristics:
LR8558 Typical Application Circuit
L 8558
Leshan Radio Co ., Ltd
1/11


Similar Part No. - LR8558-30PSA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results

Similar Description - LR8558-30PSA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
   Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
   Low noise, fast response 500mA LDO regulator
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215 Datasheet
590Kb / 4P
   500mA Low Noise, High PSRR, Fast Transient Response LDO with Adjustable
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
   Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Leshan Radio Company
LR8563 LRC-LR8563_15 Datasheet
824Kb / 9P
   Low noise, fast response 300mA LDO regu lator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com