Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP10N70P Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP10N70P
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP10N70P Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP10N70P_07 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP10N70P_07 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP10N70P_07 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP10N70P_07 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP10N70P_07 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP10N70P_07 Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Package Outline : TO-262
Millimeters
MIN
NOM
MAX
A
4.24
4.44
4.64
A1
-----
-----
2.70
b
0.66
0.76
0.86
b1
1.07
1.27
1.47
b3
0.76
0.86
1.06
c
0.30
0.40
0.50
c1
1.15
1.30
1.45
D
8.30
8.60
8.90
E
9.90
10.20
10.50
e
2.04
2.54
3.04
L
10.50
11.00
11.50
L1
9.50
10.00
10.30
L3
----
1.30
----
L4
10.80
11.30
11.35
1.All Dimensions Are in Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information & Packing : TO-262
SYMBOLS
ADVANCED POWER ELECTRONICS CORP.
E
b
b1
e
D
L3
L4
L1
L2
b3
A1
A
c1
c
L
Part Number
10N70R
YWWSSS
LOGO
Date Code (YWWSSS)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
E
b
b1
e
D
L3
L4
L1
b3
A1
A
c1
c
L
Package Code
LOGO


Similar Part No. - AP10N70P_07

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP10N70P-A A-POWER-AP10N70P-A Datasheet
97Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
AP10N70P-A VBSEMI-AP10N70P-A Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Advanced Power Electron...
AP10N70P-A-LF A-POWER-AP10N70P-A-LF_14 Datasheet
108Kb / 4P
   Fast Switching Characteristic
AP10N70P A-POWER-AP10N70P_14 Datasheet
195Kb / 6P
   Fast Switching Characteristic
More results

Similar Description - AP10N70P_07

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com